データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB1N-420H データシート(PDF) 1 Page - Roithner LaserTechnik GmbH

部品番号 SMB1N-420H
部品情報  violet high power led
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROITHNER [Roithner LaserTechnik GmbH]
ホームページ  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMB1N-420H データシート(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMB1N-420H Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMB1N-420H Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMB1N-420H Datasheet HTML 3Page - Roithner LaserTechnik GmbH SMB1N-420H Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.roithner-laser.com
1
SMB1N-420H
v 1.0 17.07.2014
Description
SMB1N-D420H is a surface mount InGaN High Power LED with a typical peak wavelength of 420 nm
and radiation of 420 mW. It comes in SMD package (PA9T) with silver plated soldering pads (lead free
solderable), copper heat sink, and molded with silicone resin.
Maximum Ratings (T
CASE=25°C)
Parameter
Symbol
Values
Min.
Max.
Unit
Power Dissipation
PD
1900
mW
Forward Current
IF
500
mA
Pulse Forward Current *
1
IFP
1000
mA
Reverse Voltage
VF
5
V
Thermal Resistance
RTHJA
10
K/W
Junction Temperature
TJ
120
°C
Operating Temperature
TCASE
- 40
+ 100
°C
Storage Temperature
TSTG
- 40
+ 100
°C
Lead Solder Temperature *
2
TSLD
+ 250
°C
*
1 duty=1%, pulse width = 10 µs
*
2 must be completed within 5 seconds
Electro-Optical Characteristics (T
CASE=25°C)
*
1 measured by S3584-08
*
2 measured by CIE127-2007 Condition B
Parameter
Symbol Conditions
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
λP
IF=350mA
410
420
430
nm
Half Width
∆λ
IF=350mA
16
nm
Forward Voltage
VF
IF=350mA
3.3
3.8
V
VFP
IFP=700mA
3.6
Radiated Power *
PO
IF=350mA
420
mW
IFP=700mA
770
Radiant Intensity *
2
IE
IF=350mA
140
mW/sr
IFP=700mA
250
Viewing Angle
φ
IF=100mA
126
deg.
Rise Time
tR
IF=350mA
160
ns
Fall Time
tF
IF=350mA
130
ns


同様の部品番号 - SMB1N-420H

メーカー部品番号データシート部品情報
logo
Roithner LaserTechnik G...
SMB1N-420H-02 ROITHNER-SMB1N-420H-02 Datasheet
727Kb / 4P
   violet high power led
More results

同様の説明 - SMB1N-420H

メーカー部品番号データシート部品情報
logo
Roithner LaserTechnik G...
SMB1N-405V-02 ROITHNER-SMB1N-405V-02 Datasheet
660Kb / 4P
   violet high power led
SMB1N-435V ROITHNER-SMB1N-435V Datasheet
1Mb / 4P
   Violet High Power LED
SMB1N-880-02 ROITHNER-SMB1N-880-02 Datasheet
781Kb / 4P
   violet high power led
SMB1N-420H-02 ROITHNER-SMB1N-420H-02 Datasheet
727Kb / 4P
   violet high power led
logo
OptoSupply Internationa...
OSV6Y3Z161P OPTOSUPPLY-OSV6Y3Z161P Datasheet
108Kb / 1P
   Deluxe Power Super Flux High Violet LED
OSV6Y3Z2C1P OPTOSUPPLY-OSV6Y3Z2C1P Datasheet
108Kb / 1P
   Deluxe Power Super Flux High Violet LED
OSV5XAT1C1E OPTOSUPPLY-OSV5XAT1C1E Datasheet
110Kb / 1P
   Tops 1 Power Violet LED
logo
Roithner LaserTechnik G...
SMC395 ROITHNER-SMC395 Datasheet
142Kb / 2P
   Violet LED
SMC970 ROITHNER-SMC970 Datasheet
228Kb / 2P
   Violet LED
logo
OptoSupply Internationa...
OSV5XME1E1E OPTOSUPPLY-OSV5XME1E1E Datasheet
145Kb / 2P
   Xeon 1 Power Violet LED
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com