データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB1N-720 データシート(PDF) 4 Page - Roithner LaserTechnik GmbH

部品番号 SMB1N-720
部品情報  red high power led
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROITHNER [Roithner LaserTechnik GmbH]
ホームページ  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMB1N-720 データシート(HTML) 4 Page - Roithner LaserTechnik GmbH

  SMB1N-720 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMB1N-720 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMB1N-720 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SMB1N-720 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.roithner-laser.com
4
Precautions
Soldering:
• Do avoid overheating of the LED
• Do avoid electrostatic discharge (ESD)
• Do avoid mechanical stress, shock, and vibration
• Do only use non-corrosive flux
• Do not apply current to the LED until it has cooled down to room temperature after soldering
Recommended soldering conditions:
This LED is designed to be reflow soldered on to a PCB. If dip soldered or hand soldered, its
reliability cannot be guarantee.
Nitrogen reflow soldering is recommended. Air flow soldering conditions can cause optical
degradation, caused by heat and/or atmosphere.
IR Reflow Soldering Profile
(Lead-free Solder)
Recommended Soldering Patterns
Unit: mm
Above table specifies the maximum allowed duration and temperature during soldering. It is
strongly advised to perform soldering at the shortest time and lowest temperature possible.
Cleaning:
Cleaning with isopropyl alcohol, propanol, or ethyl alcohol is recommended
DO NOT USE acetone, chloroseen, trichloroethylene, or MKS
DO NOT USE ultrasonic cleaners
Static Electricity:
LEDs are sensitive to electrostatic discharge (ESD). Precautions against ESD must be taken
when handling or operating these LEDs. Surge voltage or electrostatic discharge can result in
complete failure of the device.
Radiation:
During operation these LEDs do emit high intensity light, which is hazardous to skin and eyes,
and may cause cancer. Do avoid exposure to the emitted light. Protective glasses are
recommended. It is further advised to attach a warning label on products/systems.
Operation:
Do only operate LEDs with a current source.
Running these LEDs from a voltage source will result in complete failure of the device.
Current of a LED is an exponential function of the voltage across it. Usage of current regulated
drive circuits is mandatory.
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice


同様の部品番号 - SMB1N-720

メーカー部品番号データシート部品情報
logo
Roithner LaserTechnik G...
SMB1N-720-02 ROITHNER-SMB1N-720-02 Datasheet
824Kb / 4P
   infrared high power led
More results

同様の説明 - SMB1N-720

メーカー部品番号データシート部品情報
logo
Roithner LaserTechnik G...
SMB1N-760D ROITHNER-SMB1N-760D Datasheet
727Kb / 4P
   red high power led
SMB1N-770-02 ROITHNER-SMB1N-770-02 Datasheet
832Kb / 4P
   red high power led
SMB1N-D630-02 ROITHNER-SMB1N-D630-02 Datasheet
835Kb / 4P
   red high power led
SMB1N-740D-02 ROITHNER-SMB1N-740D-02 Datasheet
816Kb / 4P
   red high power led
SMB1N-670D ROITHNER-SMB1N-670D Datasheet
835Kb / 4P
   red high power led
SMB1N-680-02 ROITHNER-SMB1N-680-02 Datasheet
811Kb / 4P
   red high power led
logo
Unisonic Technologies
PUR01NBT-C0 UTC-PUR01NBT-C0 Datasheet
257Kb / 4P
   RED HIGH POWER LED
logo
Roithner LaserTechnik G...
SMB1N-690D ROITHNER-SMB1N-690D Datasheet
878Kb / 4P
   red high power led
SMB1N-700 ROITHNER-SMB1N-700 Datasheet
744Kb / 4P
   red high power led
SMB1N-735 ROITHNER-SMB1N-735 Datasheet
740Kb / 4P
   red high power led
SMB1N-740D ROITHNER-SMB1N-740D Datasheet
817Kb / 4P
   red high power led
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com