データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD3500 データシート(PDF) 2 Page - Won-Top Electronics

部品番号 LD3500
部品情報  35A LUCAS TYPE PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WTE [Won-Top Electronics]
ホームページ  http://www.wontop.com
Logo WTE - Won-Top Electronics

LD3500 データシート(HTML) 2 Page - Won-Top Electronics

  LD3500 Datasheet HTML 1Page - Won-Top Electronics LD3500 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: April, 2012
LD3500 – LD3506
WON-TOP ELECTRONICS
®
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
LD3500
10mm Lucas Press-Fit
320 Units/Box
LD3501
10mm Lucas Press-Fit
320 Units/Box
LD3502
10mm Lucas Press-Fit
320 Units/Box
LD3503
10mm Lucas Press-Fit
320 Units/Box
LD3504
10mm Lucas Press-Fit
320 Units/Box
LD3505
10mm Lucas Press-Fit
320 Units/Box
LD3506
10mm Lucas Press-Fit
320 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, LD3500-LF.
WON-TOP ELECTRONICS and
are registered trademarks of Won-Top Electronics Co., Ltd (WTE). WTE has checked all information carefully and
believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the
purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein
without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road,
Chine Chen Dist., Kaohsiung 806, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


同様の部品番号 - LD3500

メーカー部品番号データシート部品情報
logo
PerkinElmer Optoelectro...
LD3500 PERKINELMER-LD3500 Datasheet
179Kb / 8P
   Low-Cost Digital Linescan Camera
logo
Won-Top Electronics
LD3500 WTE-LD3500 Datasheet
24Kb / 2P
   35A 10mm LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500 Datasheet
29Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500_06 Datasheet
29Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
More results

同様の説明 - LD3500

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
LD3500 WTE-LD3500_06 Datasheet
29Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520 Datasheet
29Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520_14 Datasheet
31Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500 Datasheet
24Kb / 2P
   35A 10mm LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500_14 Datasheet
32Kb / 2P
   25A LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500_06 Datasheet
29Kb / 2P
   25A LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500 Datasheet
24Kb / 2P
   25A 10mm LUCAS TYPE PRESS-FIT DIODE
LD2520 WTE-LD2520_14 Datasheet
31Kb / 2P
   25A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD2520 WTE-LD2520 Datasheet
29Kb / 2P
   25A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD5000 WTE-LD5000 Datasheet
24Kb / 2P
   50A 10mm LUCAS TYPE PRESS-FIT DIODE
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com