データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC3503 データシート(PDF) 2 Page - Won-Top Electronics

部品番号 TC3503
部品情報  35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WTE [Won-Top Electronics]
ホームページ  http://www.wontop.com
Logo WTE - Won-Top Electronics

TC3503 データシート(HTML) 2 Page - Won-Top Electronics

  TC3503 Datasheet HTML 1Page - Won-Top Electronics TC3503 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: April, 2012
TC3500 – TC3506
WON-TOP ELECTRONICS
®
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
TC3500
5/16” Tin Can Press-Fit
500 Units/Box
TC3501
5/16” Tin Can Press-Fit
500 Units/Box
TC3502
5/16” Tin Can Press-Fit
500 Units/Box
TC3503
5/16” Tin Can Press-Fit
500 Units/Box
TC3504
5/16” Tin Can Press-Fit
500 Units/Box
TC3505
5/16” Tin Can Press-Fit
500 Units/Box
TC3506
5/16” Tin Can Press-Fit
500 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, TC3500-LF.
WON-TOP ELECTRONICS and
are registered trademarks of Won-Top Electronics Co., Ltd (WTE). WTE has checked all information carefully and
believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the
purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein
without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road,
Chine Chen Dist., Kaohsiung 806, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


同様の部品番号 - TC3503

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
TC3503 WTE-TC3503 Datasheet
23Kb / 2P
   35A 5/16 TIN CAN TYPE PRESS-FIT DIODE
TC3503 WTE-TC3503 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
More results

同様の説明 - TC3503

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
TC3500 WTE-TC3500_06 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC3520 WTE-TC3520 Datasheet
31Kb / 2P
   35A GLASS PASSIVATED AVALANCHE 5/16 TIN CAN PRESS-FIT DIODE
TC3500 WTE-TC3500 Datasheet
23Kb / 2P
   35A 5/16 TIN CAN TYPE PRESS-FIT DIODE
TC2500 WTE-TC2500_06 Datasheet
29Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2500 WTE-TC2500_14 Datasheet
32Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2520 WTE-TC2520 Datasheet
31Kb / 2P
   25A GLASS PASSIVATED AVALANCHE 5/16 TIN CAN PRESS-FIT DIODE
DD350 WTE-DD350 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
HD3500 WTE-HD3500 Datasheet
32Kb / 2P
   35A GLASS PASSIVATED HITACHI TYPE PRESS-FIT DIODE
DD350 WTE-DD350_14 Datasheet
32Kb / 2P
   35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
TC2500 WTE-TC2500 Datasheet
23Kb / 2P
   25A 5/16 TIN CAN TYPE PRESS-FIT DIODE
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com