データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC817-40 データシート(PDF) 1 Page - Central Semiconductor Corp

部品番号 BC817-40
部品情報  SURFACE MOUNT SILICON NPN TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CENTRAL [Central Semiconductor Corp]
ホームページ  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BC817-40 データシート(HTML) 1 Page - Central Semiconductor Corp

  BC817-40 Datasheet HTML 1Page - Central Semiconductor Corp BC817-40 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC817 SERIES
BC818 SERIES
SURFACE MOUNT SILICON
NPN TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BC817 and BC818
series devices are silicon NPN transistors, epoxy
molded in a surface mount package, designed for
general purpose switching and amplifier applications.
MARKING CODE: SEE MARKING CODE TABLE ON
FOLLOWING PAGE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
BC817
BC818
UNITS
Collector-Base Voltage
VCBO
50
30
V
Collector-Emitter Voltage
VCEO
45
25
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
500
mA
Peak Collector Current
ICM
1.0
A
Peak Base Current
IBM
200
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=20V
100
nA
ICBO
VCB=20V, TJ=150°C
5.0
μA
IEBO
VEB=5.0V
100
nA
BVCES
IC=10μA (BC817)
50
V
BVCES
IC=10μA (BC818)
30
V
BVCEO
IC=10mA (BC817)
45
V
BVCEO
IC=10mA (BC818)
25
V
BVEBO
IE=1.0μA
5.0
V
VCE(SAT)
IC=500mA, IB=50mA
0.7
V
VBE(ON)
VCE=1.0V, IC=500mA
1.2
V
fT
VCE=5.0V, IC=10mA, f=100MHz
100
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
10
pF
BC817
BC817-16
BC817-25
BC817-40
BC818
BC818-16
BC818-25
BC818-40
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
hFE
VCE=1.0V, IC=100mA
100
600
100
250
160
400
250
600
hFE
VCE=1.0V, IC=500mA
40
-
40
-
40
-
40
-
SOT-23 CASE
R1 (11-November 2013)
www.centr a lsemi.com


同様の部品番号 - BC817-40

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC817-40 PHILIPS-BC817-40 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
Diotec Semiconductor
BC817-40 DIOTEC-BC817-40 Datasheet
153Kb / 2P
   SMD General Purpose NPN Transistors
logo
Galaxy Semi-Conductor H...
BC817-40 BILIN-BC817-40 Datasheet
171Kb / 4P
   NPN General Purpose Amplifier
logo
Allied Components Inter...
BC817-40 ALLIED-BC817-40 Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
Transys Electronics
BC817-40 TRSYS-BC817-40 Datasheet
49Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
More results

同様の説明 - BC817-40

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CXT5551 CENTRAL-CXT5551 Datasheet
100Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTORS
CXT3019 CENTRAL-CXT3019 Datasheet
100Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTORS
CMPT5088 CENTRAL-CMPT5088 Datasheet
99Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTORS
CJD47 CENTRAL-CJD47_15 Datasheet
562Kb / 2P
   SURFACE MOUNT SILICON NPN POWER TRANSISTORS
CMXT2222A CENTRAL-CMXT2222A_15 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CMXT2222A CENTRAL-CMXT2222A_10 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CMST5088 CENTRAL-CMST5088 Datasheet
107Kb / 2P
   SUPERmini. SURFACE MOUNT NPN SILICON TRANSISTORS
CMXT3904 CENTRAL-CMXT3904_10 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CMXT3904 CENTRAL-CMXT3904_15 Datasheet
410Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CYT5551D CENTRAL-CYT5551D Datasheet
103Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED NPN SILICON TRANSISTORS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com