データシートサーチシステム |
|
SMB1N-D630-02 データシート(PDF) 1 Page - Roithner LaserTechnik GmbH |
|
SMB1N-D630-02 データシート(HTML) 1 Page - Roithner LaserTechnik GmbH |
1 / 4 page www.roithner-laser.com 1 SMB1N-D630-02 v 1.0 17.03.2014 Description SMB1N-D630-02 is a surface mount AlInGaP High Power LED with a typical peak wavelength of 630 nm and radiation of 330 mW. It comes in SMD package (PA9T) with silver plated soldering pads (lead free solderable), copper heat sink, and molded with silicone resin. Maximum Ratings (T CASE=25°C) Parameter Symbol Values Min. Max. Unit Power Dissipation PD 1000 mW Forward Current IF 350 mA Pulse Forward Current * 1 IFP 500 mA Reverse Voltage VF 5 V Thermal Resistance RTHJA 10 K/W Junction Temperature TJ 100 °C Operating Temperature TCASE - 40 + 85 °C Storage Temperature TSTG - 40 + 100 °C Lead Solder Temperature * 2 TSLD + 250 °C * 1 duty=1%, pulse width = 10 µs * 2 must be completed within 5 seconds Electro-Optical Characteristics (T CASE=25°C) * 1 measured by S3584-08 * 2 measured by Tektronix J-6512 Parameter Symbol Conditions Values Min. Typ. Max. Unit Peak Wavelength λP IF=350mA 620 630 640 nm Half Width ∆λ IF=350mA 16 nm Forward Voltage VF IF=350mA 2.2 2.8 V VFP IFP=500mA 2.4 Radiated Power * 1 PO IF=350mA 330 mW IFP=500mA 460 Radiant Intensity * 2 IE IF=350mA 700 mW/sr IFP=500mA 980 Luminous Flux ΦV IF=350mA 52 lm IFP=500mA 73 Viewing Angle φ IF=100mA 18 deg. Rise Time tR IF=350mA 160 ns Fall Time tF IF=350mA 160 ns |
同様の部品番号 - SMB1N-D630-02 |
|
同様の説明 - SMB1N-D630-02 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |