データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMA79 データシート(PDF) 1 Page - Tyco Electronics

部品番号 SMA79
部品情報  5 TO 300 MHz CASCADABLE AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA79 データシート(HTML) 1 Page - Tyco Electronics

  SMA79 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @ 15 Volts (max.)
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· HIGH DYNAMIC RANGE: +116 dB/1 MHz
· HIGH OUTPUT POWER: +22 dBm (TYP.)
· HIGH THIRD ORDER I.P.: +38 dBm (TYP.)
· LOW NOISE FIGURE: 4.0 dB (TYP.)
A79/SMA79
5 TO 300 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 12/00)*
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
BG
AA
CE
2-350 MHz
14.0 dB
±0.3 dB
18 dB
4.0 dB
22.0 dBm
+38 dBm
+55 dBm
+61 dBm
1.5:1 / 1.5:1
88 mA
5-300 MHz
13.0 dB
±0.7 dB
20.0 dBm
5.0 dB
20.5 dBm
2.0:1 / 2.0:1
98 mA
1.9:1 / 1.9:1
93 mA
5-300 MHz
12.5 dB
±1.0 dB
5.5 dB
-62° to +125°C
125°C
+17 Volts
+18 dBm
100 mW
0.5 W
125°C
75°C/W
0.878 W
66°C
A79
SMA79
CA79


同様の部品番号 - SMA79

メーカー部品番号データシート部品情報
logo
Tyco Electronics
SMA79 MACOM-SMA79 Datasheet
386Kb / 2P
   Cascadable Amplifier 5 to 300 MHz
logo
M/A-COM Technology Solu...
SMA79 MA-COM-SMA79 Datasheet
1Mb / 2P
   Cascadable Amplifier
SMA79 MA-COM-SMA79 Datasheet
618Kb / 3P
   Cascadable Amplifier
More results

同様の説明 - SMA79

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
A78 MA-COM-A78_15 Datasheet
644Kb / 3P
   Cascadable Amplifier 5 to 300 MHz
logo
Tyco Electronics
A88-1 MACOM-A88-1 Datasheet
358Kb / 2P
   Cascadable Amplifier 5 to 300 MHz
logo
M/A-COM Technology Solu...
A88-1 MA-COM-A88-1 Datasheet
195Kb / 2P
   Cascadable Amplifier 5 to 300 MHz
logo
Tyco Electronics
A78 MACOM-A78_1 Datasheet
382Kb / 2P
   Cascadable Amplifier 5 to 300 MHz
A79 MACOM-A79_1 Datasheet
386Kb / 2P
   Cascadable Amplifier 5 to 300 MHz
A78 MACOM-A78 Datasheet
109Kb / 1P
   5 TO 300 MHz CASCADABLE AMPLIFIER
A87-2 MACOM-A87-2 Datasheet
108Kb / 1P
   10 TO 300 MHz CASCADABLE AMPLIFIER
A87-2 MACOM-A87-2_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 300 MHz
logo
M/A-COM Technology Solu...
SMA11 MA-COM-SMA11 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 1000 MHz
A54 MA-COM-A54 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com