データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM-180PIN データシート(PDF) 1 Page - Tyco Electronics

部品番号 AM-180PIN
部品情報  Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-180PIN データシート(HTML) 1 Page - Tyco Electronics

  AM-180PIN Datasheet HTML 1Page - Tyco Electronics AM-180PIN Datasheet HTML 2Page - Tyco Electronics AM-180PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
+14 dBm Typical 1 dB Compression
n
5 dB Typical Noise Figure
n
1.4:1 Typical VSWR
Description
M/A-COM’s AM-180 is a feedback amplifier with high
intercept and compression points.
This amplifier is
packaged in a TO-8 package. Due to the internal power
dissipation
the thermal rise should be minimized.
The
ground plane on the PC board should be configured to
remove heat from under the package. AM-180 is ideally
suited for use where a high intercept, high reliability
amplifier is required.
Cascadable Thin Film Amplifier,
10 dB Gain, 10 - 2000 MHz
TO-8-1
C-32
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
Max Input Power
+10 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
V 3.00


同様の部品番号 - AM-180PIN

メーカー部品番号データシート部品情報
logo
Tyco Electronics
AM-180PIN MACOM-AM-180PIN Datasheet
278Kb / 3P
   Cascadable Thin Film Amplifier 10 dB Gain, 10 - 2000 MHz
logo
M/A-COM Technology Solu...
AM-180PIN MA-COM-AM-180PIN Datasheet
89Kb / 3P
   Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
More results

同様の説明 - AM-180PIN

メーカー部品番号データシート部品情報
logo
Tyco Electronics
AM-180 MACOM-AM-180 Datasheet
278Kb / 3P
   Cascadable Thin Film Amplifier 10 dB Gain, 10 - 2000 MHz
logo
M/A-COM Technology Solu...
AM-180 MA-COM-AM-180 Datasheet
89Kb / 3P
   Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
logo
Tyco Electronics
AM-AMC-184 MACOM-AM-AMC-184 Datasheet
223Kb / 3P
   Cascadable Thin Film Amplifier, 20 dB Gain, 10 - 2000 MHz
logo
M/A-COM Technology Solu...
AM-184 MA-COM-AM-184 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier, 20 dB Gain, 10 - 2000 MHz
logo
Tyco Electronics
AM-184 MACOM-AM-184 Datasheet
155Kb / 3P
   Cascadable Thin Film Amplifier 20 dB Gain, 10 - 2000 MHz
logo
M/A-COM Technology Solu...
AM-177 MA-COM-AM-177 Datasheet
59Kb / 2P
   Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 1000 MHz
logo
Tyco Electronics
AM-177 MACOM-AM-177 Datasheet
193Kb / 2P
   Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
AM-183 MACOM-AM-183 Datasheet
154Kb / 3P
   Cascadable Thin Film Amplifier 28.5 dB Gain, 10 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-183 MA-COM-AM-183 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier, 28.5 dB Gain, 10 - 1000 MHz
logo
Tyco Electronics
AM-177 MACOM-AM-177_1 Datasheet
121Kb / 2P
   Cascadable Thin Film Amplifier 12 dB Gain, 10 - 1000 MHz
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com