データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM52-0023TR-3000 データシート(PDF) 2 Page - Tyco Electronics

部品番号 AM52-0023TR-3000
部品情報  Power Amplifier with T/R Switch for 802.11b
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

AM52-0023TR-3000 データシート(HTML) 2 Page - Tyco Electronics

  AM52-0023TR-3000 Datasheet HTML 1Page - Tyco Electronics AM52-0023TR-3000 Datasheet HTML 2Page - Tyco Electronics AM52-0023TR-3000 Datasheet HTML 3Page - Tyco Electronics AM52-0023TR-3000 Datasheet HTML 4Page - Tyco Electronics AM52-0023TR-3000 Datasheet HTML 5Page - Tyco Electronics AM52-0023TR-3000 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Part Description
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
2
Power Amplifier with T/R Switch for 802.11b
AM52-0023
V 1.3
Absolute Maximum Ratings
1
Parameter
Maximum
Max Input Power (2.4 -2.5 GHz)
+ 10 dBm
Operating Voltages
+5.5 volts
Operating Temperature
-40 °C to +85 °C
Channel Temperature
+150 °C
Storage Temperature
-40 °C to +150 °C
1. Exceeding any one or combination of these limits may cause permanent damage.
Electrical Specifications
1,2: T
C=+38°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency
GHz
2.4
2.5
Control voltage range
V
0.0
3.0
Input Return Loss at RFin
Pin=0 dBm, VCTRL1=3.0V, VCTRL2=3.0V
Pin=0 dBm, VCTRL1=3.0V, VCTRL2=0.0V
dB
dB
14
14
24
20
Output Power at ANT
Pin=0 dBm, VCTRL1=3.0V, VCTRL2=3.0V
Pin=0 dBm, VCTRL1=3.0V, VCTRL2=0.0V
dBm
dBm
20
0
1 dB Compresson at ANT
VCTRL1=3.0V, VCTRL2=3.0V
dBm
23
Saturated Power at ANT
VCTRL1=3.0V, VCTRL2=3.0V
dBm
24
Power Gain at ANT
Pin=0 dBm, VCTRL1=3.0V, VCTRL2=3.0V
Pin=0 dBm, VCTRL1=3.0V, VCTRL2=0.0V
dB
dB
18
-2
20
0
Current, Operating
Pin=0 dBm, VCTRL1=3.0V, VCTRL2=3.0V (High Power Mode)
Pin=0 dBm, VCTRL1=3.0V, VCTRL2=0.0V (Low Power Mode)
Pin=0 dBm, VCTRL1=0.0V, VCTRL2=0.0V (Shutdown Mode)
mA
mA
uA
250
22
10
300
30
Control current
Pin=0 dBm, VCTRL1=3.0V, VCTRL2=3.0V
Pin=0 dBm, VCTRL1=3.0V, VCTRL2=0.0V
mA
mA
5
0.2
Isolation, Forward (RFIN to ANT)
VCTRL1=3.0V, VCTRL2=0.0V, VTX=0.0V, VRX=3.0V
dB
45
Isolation, ANT to RX
VTX=3.0V, VRX=0.0V
dB
18
20
Insertion loss, ANT to RX
VTX=0.0V, VRX=3.0V
dB
0.7
0.9
Harmonics, all
PIN=0 dBm, POUT=23 dBm, VCTRL1=3.0V, VCTRL2=3.0V
dBc
-40
Detector Output
Pin=0 dBm, VCTRL1=3.0V, VCTRL2=3.0V
V
1.4
1.6
Duty cycle
%
100
Output Power for Linear Operation
At ANT, Compliance with 802.11b DSSS
dBm
20
Stability
+3.0V<VCC<+3.6V, POUT<20dBm, VSWR<6:1,
-25ºC< TC<+85ºC, RBW=3MHz max hold
All spurs <-70dBc
Ruggedness
+3.0V<VCC<+5.5V, POUT<23dBm, VSWR<10:1
No permanent damage
1.
Test frequency is 2450 MHz unless otherwise specified.
2.
Supply voltage is +3.0 volts unless otherwise specificied.
Switch Logic Table
1,2,3
Insertion Loss Path
Isolated Path
SWRX
SWTX
RX/ANT
TX/ANT
1
0
TX/ANT
RX/ANT
0
1
1.
“0” = 0 +/- 0.2 volts
2.
“1” = +2.7 to +5 volts
3.
DC Blocking capacitors required on all T/R switch RF ports (pins 10, 12, and 15)


同様の部品番号 - AM52-0023TR-3000

メーカー部品番号データシート部品情報
logo
Tyco Electronics
AM52-0024 MACOM-AM52-0024 Datasheet
352Kb / 6P
   0.5 W, 2.4 GHz Power Amplifier
AM52-0024 MACOM-AM52-0024 Datasheet
315Kb / 5P
   Power Amplifier 0.5W 2.4GHz
AM52-0024SMB MACOM-AM52-0024SMB Datasheet
352Kb / 6P
   0.5 W, 2.4 GHz Power Amplifier
AM52-0024SMB MACOM-AM52-0024SMB Datasheet
315Kb / 5P
   Power Amplifier 0.5W 2.4GHz
AM52-0024TR MACOM-AM52-0024TR Datasheet
352Kb / 6P
   0.5 W, 2.4 GHz Power Amplifier
More results

同様の説明 - AM52-0023TR-3000

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
logo
M/A-COM Technology Solu...
AM55-0004 MA-COM-AM55-0004 Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004 Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004 MACOM-AM55-0004_1 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
Texas Instruments
TX810 TI-TX810 Datasheet
2Mb / 17P
[Old version datasheet]   8-Channel, Programmable T/R Switch for Ultrasound
TX810 TI-TX810_1 Datasheet
2Mb / 19P
[Old version datasheet]   8-Channel, Programmable T/R Switch for Ultrasound
TX810 TI1-TX810_14 Datasheet
3Mb / 20P
[Old version datasheet]   8-Channel, Programmable T/R Switch for Ultrasound
logo
DAICO Industries, Inc.
100D1827 DAICO-100D1827 Datasheet
26Kb / 1P
   T/R - Switch / LNA Assembly
CSA09247 DAICO-CSA09247 Datasheet
35Kb / 1P
   Combination T/R - Switch / LNA
CSA09147 DAICO-CSA09147 Datasheet
133Kb / 1P
   Combination T/R - Switch / LNA
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com