データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM52-0023SMB データシート(PDF) 6 Page - Tyco Electronics

部品番号 AM52-0023SMB
部品情報  Power Amplifier with T/R Switch for 802.11b
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

AM52-0023SMB データシート(HTML) 6 Page - Tyco Electronics

  AM52-0023SMB Datasheet HTML 1Page - Tyco Electronics AM52-0023SMB Datasheet HTML 2Page - Tyco Electronics AM52-0023SMB Datasheet HTML 3Page - Tyco Electronics AM52-0023SMB Datasheet HTML 4Page - Tyco Electronics AM52-0023SMB Datasheet HTML 5Page - Tyco Electronics AM52-0023SMB Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Part Description
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
6
Power Amplifier with T/R Switch for 802.11b
AM52-0023
V 1.3
Application Schematic
RFin
Vsup
ANT
Vsup
RXout
SW_TX
Vctrl2
TXin
PAout
1pF
0603
Dielectric Labs
2pF
(0603
Dielectric Labs)
33pF (0402 Murata)
6pF (0402 Murata)
22nH
SW_RX
Vsup
AM52-0023
460
2.15k
100pF
Vsup
0.01uF
260mil
140mil
1
16
6
11
PIN:
5. NO CONNECTION
6. PA STAGE 1 CONTROL (+3V/0V)
7. PA STAGE 1 CONTROL SUPPLY (+3V)
10. RF OUT FROM ANT
11. T/R SWITCH CONTROL (+3V/0V)
12. ANT
15. TX IN FROM PA
16. PA OUT, STAGE 2 OUTPUT BIAS (+3V)
20. PA STAGE 1 OUTPUT BIAS (+3V)
19. DETECTOR ON/OFF (+3V/0V)
18. DETECTOR SUPPLY (+3V)
17. DETECTOR OUTPUT
8. PA STAGE 2 CONTROL (+3V/0V) )
13. T/R SWITCH CONTROL (+3V/0V)
14. NO CONNECTION
9. NO CONNECTION
4. RFIN TO PA
3. NO CONNECTION
1. PA STAGE 1 OUTPUT BIAS (+3V)
2. PA STAGE 1 OUTPUT BIAS (+3V)
Cac
200mil
10pF
50
50
50
50
22
ALL TLINE
IMPEDANCES IN
ACCORDANCE WITH 5
MIL-THICK FR-4
4pF (0402 Murata)
15pF
(0603
Dielectric Labs)
Vctrl1
4 mm, 20 Pin FQFP-N Package
E2
16 x b
e
3 x e
L
e
3 x e
D2
D
E
A
A2
A1
PIN #1
IDENTIFIER
16
1
2
3
4
Measurement (mm)
Dimension
Min.
Nom.
Max.
A
A1
A2
A3
b
D
D1
D2
e
E
E1
E2
L
0.80
0
0
0.23
0.75
0.75
0.50 typ.
0.90
0.02
0.65
0.20 ref.
0.28
4.00 basic
3.75 basic
1.70
0.65 basic
4.00 basic
3.75 basic
1.70
0.60 typ.
1.00
0.05
1.00
0.35
2.25
2.25
0.75 typ.


同様の部品番号 - AM52-0023SMB

メーカー部品番号データシート部品情報
logo
Tyco Electronics
AM52-0024 MACOM-AM52-0024 Datasheet
352Kb / 6P
   0.5 W, 2.4 GHz Power Amplifier
AM52-0024 MACOM-AM52-0024 Datasheet
315Kb / 5P
   Power Amplifier 0.5W 2.4GHz
AM52-0024SMB MACOM-AM52-0024SMB Datasheet
352Kb / 6P
   0.5 W, 2.4 GHz Power Amplifier
AM52-0024SMB MACOM-AM52-0024SMB Datasheet
315Kb / 5P
   Power Amplifier 0.5W 2.4GHz
AM52-0024TR MACOM-AM52-0024TR Datasheet
352Kb / 6P
   0.5 W, 2.4 GHz Power Amplifier
More results

同様の説明 - AM52-0023SMB

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
logo
M/A-COM Technology Solu...
AM55-0004 MA-COM-AM55-0004 Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004 Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004 MACOM-AM55-0004_1 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
Texas Instruments
TX810 TI-TX810 Datasheet
2Mb / 17P
[Old version datasheet]   8-Channel, Programmable T/R Switch for Ultrasound
TX810 TI-TX810_1 Datasheet
2Mb / 19P
[Old version datasheet]   8-Channel, Programmable T/R Switch for Ultrasound
TX810 TI1-TX810_14 Datasheet
3Mb / 20P
[Old version datasheet]   8-Channel, Programmable T/R Switch for Ultrasound
logo
DAICO Industries, Inc.
100D1827 DAICO-100D1827 Datasheet
26Kb / 1P
   T/R - Switch / LNA Assembly
CSA09247 DAICO-CSA09247 Datasheet
35Kb / 1P
   Combination T/R - Switch / LNA
CSA09147 DAICO-CSA09147 Datasheet
133Kb / 1P
   Combination T/R - Switch / LNA
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com