データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1733A データシート(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TA1733A
部品情報  SAW Filter 908.42 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1733A データシート(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1733A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1733A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1733A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1733A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1733A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1733A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1733A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1733A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: SAW Filter 908.42 MHz SMD 2.0×1.6 mm (BW=19 MHz)
TST Part No.: TA1733A
Customer Part No.:
Checked by:
David Chang
Approved by:
Bob Chau
Date:
2014/02/20
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


同様の部品番号 - TA1733A

メーカー部品番号データシート部品情報
logo
Pico Technology Ltd.
TA173 PICO-TA173 Datasheet
1Mb / 10P
   8 GHz Agile Synthesizer
logo
TAI-SAW TECHNOLOGY CO.,...
TA1730A TAI-SAW-TA1730A Datasheet
154Kb / 8P
   SAW Filter 632.8125MHz 1.0MHz BW (SMD 3.0횞3.0 mm)
TA1731A TAI-SAW-TA1731A Datasheet
233Kb / 7P
   SAW Filter 319.3 MHz
logo
Transko Electronics, In...
TA1732AM TRANSKO-TA1732AM Datasheet
439Kb / 4P
   AWS, RF-Tx SAW Filter
Revision 0:
TA1732BM TRANSKO-TA1732BM Datasheet
421Kb / 4P
   AWS Tx, RF SAW Filter
Revision 0: January 2008
More results

同様の説明 - TA1733A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA1864A TAI-SAW-TA1864A Datasheet
329Kb / 7P
   SAW Filter 908.42 MHz
TA0602A TAI-SAW-TA0602A Datasheet
486Kb / 7P
   SAW Filter 908.42 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com