データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BDXXFC0WEFJ データシート(PDF) 1 Page - Rohm

部品番号 BDXXFC0WEFJ
部品情報  Low saturation with PDMOS output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BDXXFC0WEFJ データシート(HTML) 1 Page - Rohm

  BDXXFC0WEFJ Datasheet HTML 1Page - Rohm BDXXFC0WEFJ Datasheet HTML 2Page - Rohm BDXXFC0WEFJ Datasheet HTML 3Page - Rohm BDXXFC0WEFJ Datasheet HTML 4Page - Rohm BDXXFC0WEFJ Datasheet HTML 5Page - Rohm BDXXFC0WEFJ Datasheet HTML 6Page - Rohm BDXXFC0WEFJ Datasheet HTML 7Page - Rohm BDXXFC0WEFJ Datasheet HTML 8Page - Rohm BDXXFC0WEFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed for protection against radioactive rays.
1/17
Datasheet
TSZ02201-0R6R0A600480-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
2013.08.27 Rev.001
TSZ22111
・14・001
www.rohm.com
Single-Output LDO Regulators
35V Voltage Resistance
1A LDO Regulators
BDxxFC0WEFJ series
●Description
The BDxxFC0WEFJ series are low-saturation regulators.
The series’ output voltages are Variable, 3.0V, 3.3V, 5.0V,
6.0V, 7.0V, 8.0V, 9.0V, 10.0V, 12.0V, and 15.0V and
package is HTSOP-J8. This series has a built-in
over-current protection circuit that prevents the destruction
of the IC due to output short circuits and a thermal
shutdown circuit that protects the IC from thermal damage
due to overloading.
●Key Specifications
1) Output current capability: 1A
2) Output voltage: Variable, 3.0V, 3.3V, 5.0V, 6.0V, 7.0V,
8.0V, 9.0V, 10.0V, 12.0V, and 15.0V
3) High output voltage accuracy (Ta=25
℃): ±1%
4) Low saturation with PDMOS output
5) Built-in over-current protection circuit that prevents the
destruction of the IC due to output short circuits
6) Built-in thermal shutdown circuit for protecting the IC
from thermal damage due to overloading
7) Low ESR Capacitor
8) HTSOP-J8 package
●Features
・Supply Voltage(VOUT≧3.0V):
VOUT+1.0V to 26.5V
・Supply Voltage(VOUT<3.0V):
4.0V to 26.5V
・Output Voltage(BD00FC0WEFJ):
1.0V to 15.0V
・Output Current:
1A
・Output Voltage Precision(Ta=25℃):
±1%
・Operating Temperature Range:
-25
℃≦Ta≦+85℃
●Package
(Typ.)
(Typ.)
(Max.)
HTSOP-J8
4.90mm x 6.00mm x 1.00mm
●Ordering part number
B
D
x
x
F
C
0
W
E
F
J
-
E 2
Part
Number
Output
voltage
00: Variable
30: 3.0V
33: 3.3V
50: 5.0V
60: 6.0V
70: 7.0V
80: 8.0V
90: 9.0V
J0: 10.0V
J2: 12.0V
J5: 15.0V
Input
Voltage
F:35V
Output
Current
C0:1.0A
Shutdown
Mode
“W”
Included
Package
EFJ
:HTSOP-J8
Packaging and forming specification
E2: Emboss tape reel
HTSOP-J8


同様の部品番号 - BDXXFC0WEFJ

メーカー部品番号データシート部品情報
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
More results

同様の説明 - BDXXFC0WEFJ

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
M5266P MITSUBISHI-M5266P Datasheet
263Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
M5265P MITSUBISHI-M5265P Datasheet
285Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
M5270L MITSUBISHI-M5270L Datasheet
252Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
M5269L MITSUBISHI-M5269L Datasheet
140Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
logo
Mitsumi Electronics, Co...
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
logo
NEC
UPC3018 NEC-UPC3018 Datasheet
76Kb / 12P
   LOW-SATURATION STABILIZED POWER SUPPLY WITH ON/OFF FUNCTION (1 A OUTPUT)
logo
Diodes Incorporated
ZXTN2011G DIODES-ZXTN2011G Datasheet
142Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION
logo
Leshan Radio Company
MMBT1010LT1 LRC-MMBT1010LT1 Datasheet
72Kb / 1P
   Low Saturation Voltage
logo
MAKO SEMICONDUCTOR CO.,...
2SA1797 MAKOSEMI-2SA1797 Datasheet
122Kb / 2P
   Low saturation voltage
logo
Inchange Semiconductor ...
D44C9 ISC-D44C9 Datasheet
191Kb / 2P
   Low Saturation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com