データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU26154MUV データシート(PDF) 2 Page - Rohm

部品番号 BU26154MUV
部品情報  High PSRR is attained by built-in regulator
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU26154MUV データシート(HTML) 2 Page - Rohm

  BU26154MUV Datasheet HTML 1Page - Rohm BU26154MUV Datasheet HTML 2Page - Rohm BU26154MUV Datasheet HTML 3Page - Rohm BU26154MUV Datasheet HTML 4Page - Rohm BU26154MUV Datasheet HTML 5Page - Rohm BU26154MUV Datasheet HTML 6Page - Rohm BU26154MUV Datasheet HTML 7Page - Rohm BU26154MUV Datasheet HTML 8Page - Rohm BU26154MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 89 page
background image
Datasheet
Datasheet
2/86
TSZ02201-0V1V0R501570-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
23.Jun.2014 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU26154MUV
Pin Configuration(s)
Top view
Figure 2.
Pin Configuration(s)
Pin Description(s)
No
Name
I/O
Power
Function
Reset
(Note1)
No use
(Note3)
17
HVDD
P
-
High voltage power supply pin
A capacitor is connected between HVDD and HGND1.
-
-
6
SPVDD
P
-
Speaker power supply pin
A capacitor is connected between SPVDD and SPGND.
-
-
38
CPVDD
P
-
Voltage power supply pin for charge pump
A capacitor is connected between CPVDD and CPGND.
-
-
16
N.C
-
-
A no connect pin.
-
-
36
TVDD
P
-
Voltage power supply for the touch panel
Please connect a capacitor between TVDD and TGND.
-
-
15
HGND1
P
-
High voltage ground 1
It is used on the same voltage as HGND2, SPGND,
CPGND, and TGND.
-
-
14
HGND2
P
-
High voltage ground 2
It is used on the same voltage as HGND1, SPGND,
CPGND, and TGND.
-
-
9
SPGND
P
-
Ground pin for Speaker
It is used on the same voltage as HGND1, HGND2,
CPGND, and TGND.
-
-
3
CPGND
P
-
Ground pin for charge pump
It is used on the same voltage as HGND1, HGND2,
SPGND, and TGND.
-
-
35
TGND
P
-
Ground pin for touch panel interface
It is used on the same voltage as HGND1, HGND2,
CPGND, and SPGND.
-
-
18
REGOUT
O
HVDD
Regulator output
A capacitor is connected between REGOUT and HGND1.
Please connect as close as possible to the chip.
HGND2
-
31
32
33
34
35
36
37
38
39
40
12
3
4
5
6
7
89
10
20
19
18
17
16
15
14
13
12
11
30
29
28
27
26
25
24
23
22
21
RESETB
MBIASCAP
XN
CPVDD
YN
CPP
TGND
HPR
TVDD
HPCOM
REGOUT
YP
XP
NC
HVDD
HGND1
HGND2
MIN1
MIN2
PLLC
31
32
33
34
35
36
37
38
39
40
12
3
4
5
6
7
89
10
20
19
18
17
16
15
14
13
12
11
30
29
28
27
26
25
24
23
22
21
RESETB
MBIASCAP
XN
CPVDD
YN
CPP
TGND
HPR
TVDD
HPCOM
REGOUT
YP
XP
NC
HVDD
HGND1
HGND2
MIN1
MIN2
PLLC


同様の部品番号 - BU26154MUV

メーカー部品番号データシート部品情報
logo
Rohm
BU26154MUV ROHM-BU26154MUV Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
BU26154MUV-E2 ROHM-BU26154MUV-E2 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
BU26154MUV ROHM-BU26154MUV_15 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
More results

同様の説明 - BU26154MUV

メーカー部品番号データシート部品情報
logo
Productwell Precision E...
S09K11H01 PRODUCTWELL-S09K11H01_14 Datasheet
115Kb / 1P
   High-preecision linearity is attained by high-precision printing technology
S09K11H21 PRODUCTWELL-S09K11H21_14 Datasheet
114Kb / 1P
   High-preecision linearity is attained by high-precision printing technology.
S09K11H01 PRODUCTWELL-S09K11H01 Datasheet
110Kb / 1P
   High-preecision linearity is attained by high-precision printing technology
S09K11H21 PRODUCTWELL-S09K11H21 Datasheet
109Kb / 1P
   High-preecision linearity is attained by high-precision printing technology
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
   High PSRR linear regulator
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A_16 Datasheet
109Kb / 10P
   High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
Arch Electronics Corp.
AQFC480E_SERIES ARCH-AQFC480E_SERIES Datasheet
461Kb / 5P
   Cooling by Built-in DC FAN
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
   300mA High PSRR, Linear Regulator
VER 1.1
logo
Analog Devices
ADP7157 AD-ADP7157 Datasheet
1Mb / 24P
   High PSRR, RF Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com