データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU18UC3WG-TL データシート(PDF) 5 Page - Rohm

部品番号 BU18UC3WG-TL
部品情報  High accuracy detection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU18UC3WG-TL データシート(HTML) 5 Page - Rohm

  BU18UC3WG-TL Datasheet HTML 1Page - Rohm BU18UC3WG-TL Datasheet HTML 2Page - Rohm BU18UC3WG-TL Datasheet HTML 3Page - Rohm BU18UC3WG-TL Datasheet HTML 4Page - Rohm BU18UC3WG-TL Datasheet HTML 5Page - Rohm BU18UC3WG-TL Datasheet HTML 6Page - Rohm BU18UC3WG-TL Datasheet HTML 7Page - Rohm BU18UC3WG-TL Datasheet HTML 8Page - Rohm BU18UC3WG-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TSZ02201-0RBR0A300110-1-2
5/23
29.Jan.2015 Rev.005
BUxxUC3WG series
Datasheet
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
● Reference data
BU10UC3WG (Ta=25ºC unless otherwise specified.)
Figure 3.
Figure 4.
Figure 5.
Figure 6.
Figure 8.
Figure 7.
GROUND PIN CURRENT vs LOAD
0
50
100
150
200
250
300
350
400
450
0
50
100
150
200
250
300
IOUT[mA]
85℃
25℃
-40℃
Vout=1.0V
GROUND PIN CURRENT vs INPUT VOLTAGE
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
2.3
2.5
2.7
2.9
3.1
3.3
3.5
VIN[V]
85℃
25℃
-40℃
Vout=1.0V
OUTPUT VOLTAGE vs TEMPERATURE
0.90
0.95
1.00
1.05
1.10
-40
-20
0
20
406080
Temperature[℃]
10mA
150mA
300mA
Vout=1.0V
LOAD REGULATION
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
0
50
100
150
200
250
300
IOUT[mA]
85℃
25℃
-40℃
Vout=1.0V
LINE REGULATION
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
1.61.7 1.81.9 2.02.1 2.2 2.3 2.42.5 2.62.7 2.82.9 3.0 3.1 3.2
VIN[V]
85℃
25℃
-40℃
Vout=1.0V
Iout=300mA
LINE REGULATION
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
1.61.7 1.81.9 2.02.1 2.2 2.3 2.42.5 2.62.7 2.82.9 3.0 3.1 3.2
VIN[V]
85℃
25℃
-40℃
Vout=1.0V
Iout=10mA


同様の部品番号 - BU18UC3WG-TL

メーカー部品番号データシート部品情報
logo
Rohm
BU18UA3WNVX-TL ROHM-BU18UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU18UB3WG-GTL ROHM-BU18UB3WG-GTL Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18UB3WG-GTR ROHM-BU18UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
More results

同様の説明 - BU18UC3WG-TL

メーカー部品番号データシート部品情報
logo
Rohm
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
   High accuracy detection
logo
Mitsumi Electronics, Co...
MM3723 MITSUMI-MM3723 Datasheet
229Kb / 2P
   High-accuracy overcharge detection
logo
Seiko Instruments Inc
S8211C SII-S8211C Datasheet
655Kb / 43P
   High-accuracy voltage detection circuit
S-82B1AAA-I6T1U SII-S-82B1AAA-I6T1U Datasheet
2Mb / 35P
   High-accuracy voltage detection circuit
logo
Rohm
BD3180FV ROHM-BD3180FV Datasheet
170Kb / 6P
   Super High Accuracy Current Detection Amp
BUXXTD3WG-E ROHM-BUXXTD3WG-E Datasheet
567Kb / 12P
   High accuracy detection, low current consumption
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
   High accuracy detection, Ultra-low current consumption
logo
Hamamatsu Corporation
C12137 HAMAMATSU-C12137_15 Datasheet
1Mb / 9P
   High accuracy, high sensitivity, compact radiation detection module
logo
ALPS ELECTRIC CO.,LTD.
RD7 ALPS-RD7_15 Datasheet
987Kb / 5P
   Exclusive for headlight angle detection with high accuracy and space-saving design
logo
Honeywell Accelerometer...
KGZ10 HONEYWELL-ACC-KGZ10 Datasheet
227Kb / 4P
   High-accuracy measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com