データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

130126-0031 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 130126-0031
部品情報  Watertite Two Button Two Speed Switch, Mechanically Interlocked, 1 N.O. Contact Each
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130126-0031 データシート(HTML) 1 Page - Molex Electronics Ltd.

  130126-0031 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130126-0031
Status:
Active
Overview:
Push-Button Pendant Products
Description:
Watertite® Two Button Two Speed Switch, Mechanically Interlocked, 1 N.O. Contact
Each
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
General
Product Family
Push Buttons / Testers
Series
130126
Accessory / Replacement Type
2-Button Two Speed Switch
Enclosure Rating
NEMA 4X
Overview
Push-Button Pendant Products
Product Literature Order No
987650-8071
Product Name
Watertite®
Type
Replacement Part
UPC
78678841617
Woodhead
Yes
Physical
Cord Diameter
N/A
Cord Grip Body Size
N/A
Emergency Stop
No
Material - Body
N/A
Number of Buttons
2
Packaging Type
Carton
Electrical
Voltage - Maximum
250V
Material Info
Old Part Number
505SW-2
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130126Series
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 130126-0031

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
130126-0030 MOLEX11-130126-0030 Datasheet
36Kb / 1P
   Watertite Two Button Single Speed Switch, Mechanically Interlocked, 1 N.O. & N.C. Contact
130126-0033 MOLEX11-130126-0033 Datasheet
36Kb / 1P
   Watertite Two Momentary Button On/Off Switch, 1 N.O. Contact Each
130126-0034 MOLEX11-130126-0034 Datasheet
36Kb / 1P
   Watertite Two Maintain Button On/Off Switch, 1 N.O. Contact Each
130126-0036 MOLEX11-130126-0036 Datasheet
42Kb / 1P
   Super-Safeway Eight Button Station, Single Speed
More results

同様の説明 - 130126-0031

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1301260031 MOLEX1-1301260031_17 Datasheet
37Kb / 1P
   Watertite Two Button Two Speed Switch, Mechanically Interlocked, 1 N.O. Contact
1301260028 MOLEX1-1301260028_17 Datasheet
37Kb / 1P
   Watertite Two Button Single Speed Switch, Mechanically Interlocked, 1 N.O. Contact
130126-0030 MOLEX11-130126-0030 Datasheet
36Kb / 1P
   Watertite Two Button Single Speed Switch, Mechanically Interlocked, 1 N.O. & N.C. Contact
1301260031 MOLEX11-1301260031 Datasheet
37Kb / 1P
   Watertite Two Button Two Speed Switch, Mechanically Interlocked
130126-0243 MOLEX11-130126-0243 Datasheet
36Kb / 1P
   Super-Safeway Two Button Single Speed Pendant, Mechanically Interlocked, 1 N.O. Contact Each
130126-0251 MOLEX11-130126-0251 Datasheet
36Kb / 1P
   Super-Safeway Four Button Two Speed Pendant, Mechanically Interlocked, 1 N.O. Contact Each
1301260029 MOLEX1-1301260029_17 Datasheet
37Kb / 1P
   Watertite Two Button Single Speed Switch, Mechanically Interlocked
130126-0029 MOLEX11-130126-0029 Datasheet
36Kb / 1P
   Watertite Two Button Single Speed Switch, Mechanically Interlocked
1301260028 MOLEX11-1301260028 Datasheet
37Kb / 1P
   Watertite Two Button Single Speed Switch, Mechanically Interlocked
130126-0260 MOLEX11-130126-0260 Datasheet
36Kb / 1P
   Super-Safeway Six Button Two Speed Momentary Pendant, Mechanically Interlocked, 1 N.O. Contact Each
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com