データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

130126-0189 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 130126-0189
部品情報  Super-Safeway Five Push Button Pendant Enclosure
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130126-0189 データシート(HTML) 1 Page - Molex Electronics Ltd.

  130126-0189 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130126-0189
Status:
Active
Overview:
Push-Button Pendant Products
Description:
Super-Safeway™ Five Push Button Pendant Enclosure, 30.00mm (1.181") Opening
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR32400
General
Product Family
Push Buttons / Testers
Series
130126
Enclosure Rating
N/A
Overview
Push-Button Pendant Products
Product Literature Order No
987650-8071
Product Name
Super-Safeway™
Type
PushButton Pendant Enclosure
UPC
78678875406
Woodhead
Yes
Physical
Cord Diameter
15.88-25.40mm (.625-1.000")
Cord Grip Body Size
F4 1"
Emergency Stop
No
Material - Body
Rubber
Material - Cord Grip Nut
Metal
Number of Buttons
5
Packaging Type
Carton
Electrical
Voltage - Maximum
N/A
Material Info
Old Part Number
4005
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130126Series
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 130126-0189

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
130126-0186 MOLEX11-130126-0186 Datasheet
44Kb / 1P
   Super-Safeway Two Push Button Pendant Enclosure, 30.00mm (1.181") Opening
130126-0187 MOLEX11-130126-0187 Datasheet
44Kb / 1P
   Super-Safeway Three Push Button Pendant Enclosure
130126-0188 MOLEX11-130126-0188 Datasheet
44Kb / 1P
   Super-Safeway Four Push Button Pendant Enclosure
More results

同様の説明 - 130126-0189

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
130148-0073 MOLEX11-130148-0073 Datasheet
46Kb / 1P
   Super-Safeway Five Push Button Pendant Enclosure,
1301260189 MOLEX11-1301260189 Datasheet
36Kb / 1P
   Super-Safeway Five Push Button Pendant Enclosure, 30.00mm
1301260189 MOLEX1-1301260189_17 Datasheet
36Kb / 1P
   Super-Safeway Five Push Button Pendant Enclosure, 30.00mm
1301480073 MOLEX1-1301480073_17 Datasheet
32Kb / 1P
   Super-Safeway Five Push Button Pendant Enclosure, 22.00mm (866) Opening
1301260189 MOLEX-1301260189 Datasheet
35Kb / 1P
   Super-Safeway Five Push Button Pendant Enclosure, 30.00mm (1.181) Opening
07/27/2021
1301480073 MOLEX11-1301480073 Datasheet
32Kb / 1P
   Super-Safeway Five Push Button Pendant Enclosure, 22.00mm (866) Opening
130126-0242 MOLEX11-130126-0242 Datasheet
51Kb / 1P
   Super-Safeway Twelve Push Button Pendant Enclosure
130126-0188 MOLEX11-130126-0188 Datasheet
44Kb / 1P
   Super-Safeway Four Push Button Pendant Enclosure
130126-0239 MOLEX11-130126-0239 Datasheet
51Kb / 1P
   Super-Safeway Eight Push Button Pendant Enclosure,
130126-0240 MOLEX11-130126-0240 Datasheet
51Kb / 1P
   Super-Safeway Nine Push Button Pendant Enclosure
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com