データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KF3N40D データシート(PDF) 2 Page - KEC(Korea Electronics)

部品番号 KF3N40D
部品情報  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF3N40D データシート(HTML) 2 Page - KEC(Korea Electronics)

  KF3N40D_15 Datasheet HTML 1Page - KEC(Korea Electronics) KF3N40D_15 Datasheet HTML 2Page - KEC(Korea Electronics) KF3N40D_15 Datasheet HTML 3Page - KEC(Korea Electronics) KF3N40D_15 Datasheet HTML 4Page - KEC(Korea Electronics) KF3N40D_15 Datasheet HTML 5Page - KEC(Korea Electronics) KF3N40D_15 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2010. 8. 23
2/6
KF3N40D/I
Revision No : 0
ELECTRICAL CHARACTERISTICS (Tc=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
BVDSS
ID=250μ
A, VGS=0V
400
-
-
V
Breakdown Voltage Temperature Coefficient
ΔBV
DSS/ΔTj
ID=250μ
A, Referenced to 25
-
0.4
-
V/
Drain Cut-off Current
IDSS
VDS=400V, VGS=0V,
-
-
10
μA
Gate Threshold Voltage
Vth
VDS=VGS, ID=250μA
2.5
-
4.5
V
Gate Leakage Current
IGSS
VGS=±30V, VDS=0V
-
-
±100
nA
Drain-Source ON Resistance
RDS(ON)
VGS=10V, ID=1.1A
-
2.8
3.4
Dynamic
Total Gate Charge
Qg
VDS=320V, ID=2.2A
VGS=10V
(Note4,5)
-
4.4
5.8
nC
Gate-Source Charge
Qgs
-
1.0
-
Gate-Drain Charge
Qgd
-
2.0
-
Turn-on Delay time
td(on)
VDD=200V, ID=2.2A
RG=25Ω
(Note4,5)
VGS=10V
-
10
-
ns
Turn-on Rise time
tr
-
11
-
Turn-off Delay time
td(off)
-
20
-
Turn-off Fall time
tf
-
17
-
Input Capacitance
Ciss
VDS=25V, VGS=0V, f=1.0MHz
-
163
211
pF
Output Capacitance
Coss
-
26
-
Reverse Transfer Capacitance
Crss
-
2.5
-
Source-Drain Diode Ratings
Continuous Source Current
IS
VGS<Vth
-
-
2
A
Pulsed Source Current
ISP
-
-
8
Diode Forward Voltage
VSD
IS=2.2A, VGS=0V
-
-
1.4
V
Reverse Recovery Time
trr
IS=2.2A, VGS=0V,
dIs/dt=100A/
μs
-
240
-
ns
Reverse Recovery Charge
Qrr
-
0.65
-
μC
Note 1) Repetivity rating : Pulse width limited by junction temperature.
Note 2) L = 19mH, IS=2.2A, VDD=50V, RG = 25Ω, Starting Tj = 25℃.
Note 3) IS ≤2A, dI/dt≤200A/㎲, VDD≤BVDSS, Starting Tj = 25℃.
Note 4) Pulse Test : Pulse width
≤ 300㎲, Duty Cycle ≤ 2%.
Note 5) Essentially independent of operating temperature.
2
PRODUCT NAME
LOT NO
1
KF3N40
001
D
KF3N40
001
I
1
2
1
2
Marking


同様の部品番号 - KF3N40D_15

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KF3N40D/I KEC-KF3N40D/I Datasheet
936Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF3N40DI KEC-KF3N40DI Datasheet
936Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

同様の説明 - KF3N40D_15

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com