データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDBZ5T1045-HF データシート(PDF) 1 Page - Comchip Technology

部品番号 CDBZ5T1045-HF
部品情報  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBZ5T1045-HF データシート(HTML) 1 Page - Comchip Technology

  CDBZ5T1045-HF_15 Datasheet HTML 1Page - Comchip Technology CDBZ5T1045-HF_15 Datasheet HTML 2Page - Comchip Technology CDBZ5T1045-HF_15 Datasheet HTML 3Page - Comchip Technology CDBZ5T1045-HF_15 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Schottky Barrier Rectifiers
Reverse Voltage: 45 Volts
Forward Current: 10 Amp
RoHS Device
Page 1
REV:A
Features
- Low power loss, High efficiency.
- High current capability, low VF.
Mechanical data
- Case: Packed with FRP substrate and epoxy underfilled.
- Terminals: Pure Tin plated (Lead-Free), solderable per
MIL-STD-750, method 2026.
CDBZ5T1045-HF
QW-JB050
Comchip Technology CO., LTD.
V
45
VRRM
°C
TJ, TSTG
Operating and storage temperature range
Peak
surge
forward
current (8.3ms single half sine-wave)
Parameter
Symbol
Rating
Unit
20
Repetitive peak reverse current
Forward voltage (NOTE 1)
Parameter
Conditions
Min.
Typ.
Max.
Unit
@ IF = 10 A
Maximum Ratings (at TA=25°C unless otherwise noted)
Electrical Characteristics (at TA=25°C unless otherwise noted)
A
300
IFSM
A
10
IF(AV)
Average forward current
Repetitive peak reverse voltage
°C/W
Thermal resistance
Junction to ambient (NOTE )
79
-55 to +150
IRRM
VF
Symbol
RθJA
V
0.48
- Lead less chip form, no lead damage.
Halogen free
- Plastic package has Underwriters Laboratory
Flammability Classification 94V-0 .
°C/W
Junction to case (NOTE )
17
RθJC
@ VR = Max. VRRM, Ta= 25°C
0.55
100
uA
Company reserves the right to improve product design , functions and reliability without notice.
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle.
(2) Mounted on P.C.B. with 5.0 x 5.0mm copper pad areas.
Circuit Diagram
Dimensions in inches and (millimeter)
SMC(Z5-T)
0.104(2.65)
0.093(2.35)
Top View
Bottom View
0.319(8.10)
0.311(7.90)
0.201(5.10)
0.193(4.90)
0.240(6.10)
0.228(5.80)
0.183(4.65)
0.171(4.35)
0.144(3.65)
0.132(3.35)
0.054(1.35)
0.041(1.05)
0.054(1.35)
0.041(1.05)
0.054(1.35)
0.041(1.05)
-
-
-
-
-
-
- Weight: 0.14 grams (approx).


同様の部品番号 - CDBZ5T1045-HF_15

メーカー部品番号データシート部品情報
logo
Comchip Technology
CDBZ5T1045-HF COMCHIP-CDBZ5T1045-HF Datasheet
663Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T1045-HF COMCHIP-CDBZ5T1045-HF Datasheet
663Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

同様の説明 - CDBZ5T1045-HF_15

メーカー部品番号データシート部品情報
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com