データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF1018EPBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRF1018EPBF
部品情報  High Efficiency Synchronous Rectification in SMPS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF1018EPBF データシート(HTML) 2 Page - International Rectifier

  IRF1018EPBF_15 Datasheet HTML 1Page - International Rectifier IRF1018EPBF_15 Datasheet HTML 2Page - International Rectifier IRF1018EPBF_15 Datasheet HTML 3Page - International Rectifier IRF1018EPBF_15 Datasheet HTML 4Page - International Rectifier IRF1018EPBF_15 Datasheet HTML 5Page - International Rectifier IRF1018EPBF_15 Datasheet HTML 6Page - International Rectifier IRF1018EPBF_15 Datasheet HTML 7Page - International Rectifier IRF1018EPBF_15 Datasheet HTML 8Page - International Rectifier IRF1018EPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRF1018E/S/SLPbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by max. junction
temperature.
‚ Limited by TJmax, starting TJ = 25°C, L = 0.08mH
RG = 25Ω, IAS = 47A, VGS =10V. Part not recommended for
use above this value.
ƒ ISD ≤ 47A, di/dt ≤ 1668A/μs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
„ Pulse width ≤ 400μs; duty cycle ≤ 2%.
S
D
G
… Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
‡ When mounted on 1" square PCB (FR-4 or G-10 Material). For recom
mended footprint and soldering techniques refer to application note #AN-994.
ˆ Rθ is measured at TJ approximately 90°C.
‰ This is only applied to TO-220
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
––– 0.073 –––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
7.1
8.4
m
Ω
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
110
–––
–––
S
Qg
Total Gate Charge
–––
46
69
nC
Qgs
Gate-to-Source Charge
–––
10
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
12
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
34
–––
RG(int)
Internal Gate Resistance
–––
0.73
–––
Ω
td(on)
Turn-On Delay Time
–––
13
–––
ns
tr
Rise Time
–––
35
–––
td(off)
Turn-Off Delay Time
–––
55
–––
tf
Fall Time
–––
46
–––
Ciss
Input Capacitance
––– 2290
–––
Coss
Output Capacitance
–––
270
–––
Crss
Reverse Transfer Capacitance
–––
130
–––
pF
Coss eff. (ER) Effective Output Capacitance (Energy Related)h –––
390
–––
Coss eff. (TR) Effective Output Capacitance (Time Related)g
–––
630
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
79
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
315
(Body Diode)
c
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
26
39
ns
TJ = 25°C
VR = 51V,
–––
31
47
TJ = 125°C
IF = 47A
Qrr
Reverse Recovery Charge
–––
24
36
nC TJ = 25°C
di/dt = 100A/μs
f
–––
35
53
TJ = 125°C
IRRM
Reverse Recovery Current
–––
1.8
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
VDS = 50V, ID = 47A
ID = 47A
VGS = 20V
VGS = -20V
MOSFET symbol
showing the
VDS = 30V
Conditions
VGS = 10V
f
VGS = 0V
VDS = 50V
ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 60V
h
VGS = 0V, VDS = 0V to 60V
g
TJ = 25°C, IS = 47A, VGS = 0V
f
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 5mA
c
VGS = 10V, ID = 47A
f
VDS = VGS, ID = 100μA
VDS = 60V, VGS = 0V
VDS = 48V, VGS = 0V, TJ = 125°C
ID = 47A
RG = 10Ω
VGS = 10V
f
VDD = 39V
ID = 47A, VDS =0V, VGS = 10V


同様の部品番号 - IRF1018EPBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF1018EPBF IRF-IRF1018EPBF Datasheet
429Kb / 11P
   HEXFET Power MOSFET
More results

同様の説明 - IRF1018EPBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com