データシートサーチシステム |
|
IRF1404PBF データシート(PDF) 1 Page - International Rectifier |
|
IRF1404PBF データシート(HTML) 1 Page - International Rectifier |
1 / 9 page IRF1404PbF HEXFET® Power MOSFET Seventh Generation HEXFET® Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The TO-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the industry. S D G Absolute Maximum Ratings Parameter Typ. Max. Units RθJC Junction-to-Case ––– 0.45 RθCS Case-to-Sink, Flat, Greased Surface 0.50 ––– °C/W RθJA Junction-to-Ambient ––– 62 Thermal Resistance VDSS = 40V RDS(on) = 0.004Ω ID = 202A l Advanced Process Technology l Ultra Low On-Resistance l Dynamic dv/dt Rating l 175°C Operating Temperature l Fast Switching l Fully Avalanche Rated l Lead-Free Description 04/11/12 www.irf.com 1 TO-220AB Parameter Max. Units ID @ TC = 25°C Continuous Drain Current, VGS @ 10V 202 ID @ TC = 100°C Continuous Drain Current, VGS @ 10V 143 A IDM Pulsed Drain Current 808 PD @TC = 25°C Power Dissipation 333 W Linear Derating Factor 2.2 W/°C VGS Gate-to-Source Voltage ± 20 V EAS Single Pulse Avalanche Energy 620 mJ IAR Avalanche Current See Fig.12a, 12b, 15, 16 A EAR Repetitive Avalanche Energy mJ dv/dt Peak Diode Recovery dv/dt 1.5 V/ns TJ Operating Junction and -55 to + 175 TSTG Storage Temperature Range -55 to + 175 Soldering Temperature, for 10 seconds 300 (1.6mm from case ) °C Mounting Torque, 6-32 or M3 screw 10 lbf•in (1.1N•m) PD-94968B |
同様の部品番号 - IRF1404PBF_15 |
|
同様の説明 - IRF1404PBF_15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |