データシートサーチシステム |
|
IRF3205SPBF データシート(PDF) 1 Page - International Rectifier |
|
IRF3205SPBF データシート(HTML) 1 Page - International Rectifier |
1 / 11 page IRF3205SPbF IRF3205LPbF HEXFET® Power MOSFET 03/11/04 Thermal Resistance www.irf.com 1 VDSS = 55V RDS(on) = 8.0mΩ ID = 110A
S D G Advanced HEXFET® Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on- resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application. The through-hole version (IRF3205L) is available for low-profile applications. l Advanced Process Technology l Ultra Low On-Resistance l Dynamic dv/dt Rating l 175°C Operating Temperature l Fast Switching l Fully Avalanche Rated l Lead-Free Description D2Pak IRF3205SPbF TO-262 IRF3205LPbF Parameter Typ. Max. Units RθJC Junction-to-Case ––– 0.75 °C/W RθJA Junction-to-Ambient (PCB mounted, steady-state) * ––– 40 Absolute Maximum Ratings Parameter Max. Units ID @ TC = 25°C Continuous Drain Current, VGS @ 10V 110 ID @ TC = 100°C Continuous Drain Current, VGS @ 10V 80 A IDM Pulsed Drain Current 390 PD @TC = 25°C Power Dissipation 200 W Linear Derating Factor 1.3 W/°C VGS Gate-to-Source Voltage ± 20 V IAR Avalanche Current 62 A EAR Repetitive Avalanche Energy 20 mJ dv/dt Peak Diode Recovery dv/dt 5.0 V/ns TJ Operating Junction and -55 to + 175 TSTG Storage Temperature Range Soldering Temperature, for 10 seconds 300 (1.6mm from case ) °C Mounting torque, 6-32 or M3 srew 10 lbf•in (1.1N•m) PD - 95106 |
同様の部品番号 - IRF3205SPBF |
|
同様の説明 - IRF3205SPBF |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |