データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF3610SPBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRF3610SPBF
部品情報  High Efficiency Synchronous Rectification in SMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF3610SPBF データシート(HTML) 2 Page - International Rectifier

  IRF3610SPBF_15 Datasheet HTML 1Page - International Rectifier IRF3610SPBF_15 Datasheet HTML 2Page - International Rectifier IRF3610SPBF_15 Datasheet HTML 3Page - International Rectifier IRF3610SPBF_15 Datasheet HTML 4Page - International Rectifier IRF3610SPBF_15 Datasheet HTML 5Page - International Rectifier IRF3610SPBF_15 Datasheet HTML 6Page - International Rectifier IRF3610SPBF_15 Datasheet HTML 7Page - International Rectifier IRF3610SPBF_15 Datasheet HTML 8Page - International Rectifier IRF3610SPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF3610SPbF
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
March 26, 2014
2
Notes:
 Repetitive rating; pulse width limited by max. junction
temperature.
‚ Limited by TJmax, starting TJ = 25°C, L = 0.24mH
RG = 50Ω, IAS = 62A, VGS =10V. Part not recommended for use
above this value.
ƒ ISD ≤ 62A, di/dt ≤ 1935A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… Coss eff. (TR) is a fixed capacitance that gives the same charging
time as Coss while VDS is rising from 0 to 80% VDSS.
S
D
G
† Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
‡ When mounted on 1" square PCB (FR-4 or G-10 Material). For recom-
mended footprint and soldering techniques refer to application note #AN-994.
ˆ Rθ is measured at TJ approximately 90°C.
‰ RθJC value shown is at time zero.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.10
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
9.3
11.6
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
110
–––
–––
S
RG
Internal Gate Resistance
–––
2.2
–––
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
Qg
Total Gate Charge
–––
100
150
nC
Qgs
Gate-to-Source Charge
–––
23
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
42
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
58
–––
td(on)
Turn-On Delay Time
–––
15
–––
ns
tr
Rise Time
–––
55
–––
td(off)
Turn-Off Delay Time
–––
77
–––
tf
Fall Time
–––
43
–––
Ciss
Input Capacitance
–––
5380
–––
pF
Coss
Output Capacitance
–––
690
–––
Crss
Reverse Transfer Capacitance
–––
100
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related) –––
560
–––
Coss eff. (TR) Effective Output Capacitance (Time Related)
–––
750
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
103
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
410
A
(Body Diode)Ãd
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
110
–––
ns
TJ = 25°C
VR = 85V,
–––
120
–––
TJ = 125°C
IF = 62A
Qrr
Reverse Recovery Charge
–––
570
–––
nC TJ = 25°C
di/dt = 100A/µs f
–––
710
–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
-9.5
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VDS = 25V, ID = 62A
ID = 62A
RG = 2.7Ω
VGS = 10V f
VDD = 65V
ID = 62A, VDS =0V, VGS = 10V
Conditions
ID = 62A
VGS = 20V
VGS = -20V
TJ = 25°C, IS = 62A, VGS = 0V f
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1.0mA™
VGS = 10V, ID = 62A f
VDS = VGS, ID = 250µA
VDS = 100V, VGS = 0V
VDS = 100V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
VDS =50V
Conditions
VGS = 10V f
VGS = 0V
VDS = 25V
ƒ = 1.0 MHz, See Fig. 5
VGS = 0V, VDS = 0V to 80V h, See Fig. 11
VGS = 0V, VDS = 0V to 80V g


同様の部品番号 - IRF3610SPBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3610SPBF IRF-IRF3610SPBF Datasheet
257Kb / 9P
   High Efficiency Synchronous Rectification in SMPS, Uninterruptible Power Supply
IRF3610SPBF IRF-IRF3610SPBF Datasheet
293Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com