データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF3709PBF データシート(PDF) 5 Page - International Rectifier

部品番号 IRF3709PBF
部品情報  High Frequency Buck Converters for Server Processor Power Synchronous FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF3709PBF データシート(HTML) 5 Page - International Rectifier

  IRF3709PBF_15 Datasheet HTML 1Page - International Rectifier IRF3709PBF_15 Datasheet HTML 2Page - International Rectifier IRF3709PBF_15 Datasheet HTML 3Page - International Rectifier IRF3709PBF_15 Datasheet HTML 4Page - International Rectifier IRF3709PBF_15 Datasheet HTML 5Page - International Rectifier IRF3709PBF_15 Datasheet HTML 6Page - International Rectifier IRF3709PBF_15 Datasheet HTML 7Page - International Rectifier IRF3709PBF_15 Datasheet HTML 8Page - International Rectifier IRF3709PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IRF3709/S/LPbF
www.irf.com
5
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-V
DD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
0
20
40
60
80
100
T , Case Temperature
( C)
°
C
LIMITED BY PACKAGE


同様の部品番号 - IRF3709PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3709PBF IRF-IRF3709PBF Datasheet
227Kb / 11P
   SMPS MOSFET
More results

同様の説明 - IRF3709PBF_15

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
IRFR3709ZTRR KERSEMI-IRFR3709ZTRR Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRFR3709ZCTRPBF IRF-IRFR3709ZCTRPBF Datasheet
302Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZPBF IRF-IRF3704ZPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3707ZCPBF KERSEMI-IRFR3707ZCPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3711ZCPBF KERSEMI-IRFU3711ZCPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3709Z KERSEMI-IRFR3709Z Datasheet
1Mb / 9P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707Z KERSEMI-IRFU3707Z Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRFR3704ZTRPBF IRF-IRFR3704ZTRPBF Datasheet
272Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRL7833PBF IRF-IRL7833PBF_15 Datasheet
275Kb / 13P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRL3715ZCS IRF-IRL3715ZCS Datasheet
282Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com