データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF6609PBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRF6609PBF
部品情報  Ideal for CPU Core DC-DC Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF6609PBF データシート(HTML) 1 Page - International Rectifier

  IRF6609PBF_15 Datasheet HTML 1Page - International Rectifier IRF6609PBF_15 Datasheet HTML 2Page - International Rectifier IRF6609PBF_15 Datasheet HTML 3Page - International Rectifier IRF6609PBF_15 Datasheet HTML 4Page - International Rectifier IRF6609PBF_15 Datasheet HTML 5Page - International Rectifier IRF6609PBF_15 Datasheet HTML 6Page - International Rectifier IRF6609PBF_15 Datasheet HTML 7Page - International Rectifier IRF6609PBF_15 Datasheet HTML 8Page - International Rectifier IRF6609PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
7/3/06
Notes
 through Š are on page 10
Description
The IRF6609PbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve
the lowest on-state resistance in a package that has the footprint of an SO-8 and only 0.7 mm profile. The DirectFET package is compat-
ible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection
soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET
package allows dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6609PbF balances both low resistance and low charge along with ultra low package inductance to reduce both conduction and
switching losses. The reduced total losses make this product ideal for high efficiency DC-DC converters that power the latest generation
of processors operating at higher frequencies. The IRF6609PbF has been optimized for parameters that are critical in synchronous buck
operating from 12 volt bus converters including Rds(on), gate charge and Cdv/dt-induced turn on immunity. The IRF6609PbF offers
particularly low Rds(on) and high Cdv/dt immunity for synchronous FET applications.
DirectFET
™ ISOMETRIC
MT
SQ
SX
ST
MQ
MX
MT
Applicable DirectFET Outline and Substrate Outline (see p.8,9 for details)
PD - 97091A
VDSS
RDS(on) max
Qg
20V
2.0m
Ω@VGS = 10V
46nC
2.6m
Ω@VGS = 4.5V
IRF6609PbF
IRF6609TRPbF
l RoHS Compliant

l Lead-Free (Qualified up to 260°C Reflow)
l Application Specific MOSFETs
l Ideal for CPU Core DC-DC Converters
l Low Conduction Losses and Switching Losses
l High Cdv/dt Immunity
l Low Profile (<0.7mm)
l Dual Sided Cooling Compatible

l Compatible with existing Surface Mount Techniques

DirectFET
™ Power MOSFET ‚
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
k
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
Ãh
A
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
h
IDM
Pulsed Drain Current
e
PD @TC = 25°C
Power Dissipation
k
PD @TA = 25°C
Power Dissipation
h
W
PD @TA = 70°C
Power Dissipation
h
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
hl
–––
45
RθJA
Junction-to-Ambient
il
12.5
–––
RθJA
Junction-to-Ambient
jl
20
–––
°C/W
RθJC
Junction-to-Case
kl
–––
1.4
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
Max.
31
25
250
±20
20
150
-40 to + 150
89
0.022
1.8
2.8


同様の部品番号 - IRF6609PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6609PBF IRF-IRF6609PBF Datasheet
271Kb / 11P
   DirectFETPower MOSFET 
More results

同様の説明 - IRF6609PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6623TR1PBF IRF-IRF6623TR1PBF Datasheet
244Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6617PBF IRF-IRF6617PBF_15 Datasheet
244Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6619PBF IRF-IRF6619PBF_15 Datasheet
296Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6621PBF IRF-IRF6621PBF_15 Datasheet
266Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6636PBF IRF-IRF6636PBF_15 Datasheet
288Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6638PBF IRF-IRF6638PBF_15 Datasheet
285Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6618PBF IRF-IRF6618PBF_15 Datasheet
250Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6622PBF IRF-IRF6622PBF_15 Datasheet
251Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6610PBF IRF-IRF6610PBF Datasheet
247Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6611PBF IRF-IRF6611PBF_15 Datasheet
267Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com