データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF6678TRPBF データシート(PDF) 9 Page - International Rectifier

部品番号 IRF6678TRPBF
部品情報  Ideal for CPU Core DC-DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF6678TRPBF データシート(HTML) 9 Page - International Rectifier

Back Button IRF6678TRPBF Datasheet HTML 2Page - International Rectifier IRF6678TRPBF Datasheet HTML 3Page - International Rectifier IRF6678TRPBF Datasheet HTML 4Page - International Rectifier IRF6678TRPBF Datasheet HTML 5Page - International Rectifier IRF6678TRPBF Datasheet HTML 6Page - International Rectifier IRF6678TRPBF Datasheet HTML 7Page - International Rectifier IRF6678TRPBF Datasheet HTML 8Page - International Rectifier IRF6678TRPBF Datasheet HTML 9Page - International Rectifier IRF6678TRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRF6678PbF
www.irf.com
9
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 06/06
DirectFET
™ Tape & Reel Dimension (Showing component orientation).
STANDARD OPTION (QTY 4800)
MIN
330.0
20.2
12.8
1.5
100.0
N.C
12.4
11.9
CODE
A
B
C
D
E
F
G
H
MAX
N.C
N.C
13.2
N.C
N.C
18.4
14.4
15.4
MIN
12.992
0.795
0.504
0.059
3.937
N.C
0.488
0.469
MAX
N.C
N.C
0.520
N.C
N.C
0.724
0.567
0.606
METRIC
IMPERIAL
TR1 OPTION (QTY 1000)
IMPERIAL
MIN
6.9
0.75
0.53
0.059
2.31
N.C
0.47
0.47
MAX
N.C
N.C
12.8
N.C
N.C
13.50
12.01
12.01
MIN
177.77
19.06
13.5
1.5
58.72
N.C
11.9
11.9
METRIC
MAX
N.C
N.C
0.50
N.C
N.C
0.53
N.C
N.C
REEL DIMENSIONS
NOTE: Controlling dimensions in mm
Std reel quantity is 4800 parts. (ordered as IRF6678TRPBF). For 1000 parts on 7"
reel, order IRF6678TR1PBF
MIN
7.90
3.90
11.90
5.45
5.10
6.50
1.50
1.50
CODE
A
B
C
D
E
F
G
H
MAX
8.10
4.10
12.30
5.55
5.30
6.70
N.C
1.60
MIN
0.311
0.154
0.469
0.215
0.201
0.256
0.059
0.059
MAX
0.319
0.161
0.484
0.219
0.209
0.264
N.C
0.063
DIMENSIONS
METRIC
IMPERIAL
LOADED TAPE FEED DIRECTION


同様の部品番号 - IRF6678TRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6678TRPBF IRF-IRF6678TRPBF Datasheet
258Kb / 10P
   DirectFET Power MOSFET
More results

同様の説明 - IRF6678TRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6623TR1PBF IRF-IRF6623TR1PBF Datasheet
244Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6617PBF IRF-IRF6617PBF_15 Datasheet
244Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6619PBF IRF-IRF6619PBF_15 Datasheet
296Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6621PBF IRF-IRF6621PBF_15 Datasheet
266Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6636PBF IRF-IRF6636PBF_15 Datasheet
288Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6638PBF IRF-IRF6638PBF_15 Datasheet
285Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6609PBF IRF-IRF6609PBF_15 Datasheet
271Kb / 11P
   Ideal for CPU Core DC-DC Converters
IRF6618PBF IRF-IRF6618PBF_15 Datasheet
250Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6622PBF IRF-IRF6622PBF_15 Datasheet
251Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6610PBF IRF-IRF6610PBF Datasheet
247Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6611PBF IRF-IRF6611PBF_15 Datasheet
267Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com