データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF6726MPBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRF6726MPBF
部品情報  RoHS Compliant Containing No Lead and Bromide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF6726MPBF データシート(HTML) 2 Page - International Rectifier

  IRF6726MPBF_15 Datasheet HTML 1Page - International Rectifier IRF6726MPBF_15 Datasheet HTML 2Page - International Rectifier IRF6726MPBF_15 Datasheet HTML 3Page - International Rectifier IRF6726MPBF_15 Datasheet HTML 4Page - International Rectifier IRF6726MPBF_15 Datasheet HTML 5Page - International Rectifier IRF6726MPBF_15 Datasheet HTML 6Page - International Rectifier IRF6726MPBF_15 Datasheet HTML 7Page - International Rectifier IRF6726MPBF_15 Datasheet HTML 8Page - International Rectifier IRF6726MPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6726MPbF
2
www.irf.com
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
21
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.3
1.7
m
–––
1.9
2.4
VGS(th)
Gate Threshold Voltage
1.35
1.7
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-6.0
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
150
–––
–––
S
Qg
Total Gate Charge
–––
51
77
Qgs1
Pre-Vth Gate-to-Source Charge
–––
12
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
5.4
–––
nC
Qgd
Gate-to-Drain Charge
–––
16
–––
Qgodr
Gate Charge Overdrive
–––
18
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
21
–––
Qoss
Output Charge
–––
28
–––
nC
RG
Gate Resistance
–––
1.0
1.8
td(on)
Turn-On Delay Time
–––
20
–––
tr
Rise Time
–––
30
–––
ns
td(off)
Turn-Off Delay Time
–––
25
–––
tf
Fall Time
–––
17
–––
Ciss
Input Capacitance
–––
6140
–––
Coss
Output Capacitance
–––
1270
–––
pF
Crss
Reverse Transfer Capacitance
–––
590
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
110
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
250
(Body Diode)
Ãg
VSD
Diode Forward Voltage
–––
0.77
1.0
V
trr
Reverse Recovery Time
–––
27
41
ns
Qrr
Reverse Recovery Charge
–––
45
68
nC
di/dt = 500A/µs i
TJ = 25°C, IS = 25A, VGS = 0V i
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 25A i
VDS = VGS, ID = 150µA
TJ = 25°C, IF = 25A
VGS = 4.5V
ID = 25A
VGS = 0V
VDS = 15V
ID = 25A
VDD = 15V, VGS = 4.5VÃi
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 32A i
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
VDS = 15V
VDS = 24V, VGS = 0V, TJ = 125°C
MOSFET symbol
RG = 1.8Ω
VDS = 15V, ID = 25A
Conditions
See Fig. 17
ƒ = 1.0MHz
VDS = 16V, VGS = 0V


同様の部品番号 - IRF6726MPBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6726MPBF IRF-IRF6726MPBF Datasheet
252Kb / 9P
   DirectFET Power MOSFET
More results

同様の説明 - IRF6726MPBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
IRF8308MTRPBF IRF-IRF8308MTRPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MTRPBF IRF-IRF6894MTRPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6722S1PBF IRF-IRF6722S1PBF Datasheet
270Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6718L2PBF IRF-IRF6718L2PBF_15 Datasheet
236Kb / 10P
   RoHS Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF_15 Datasheet
281Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6633TR1 IRF-IRF6633TR1 Datasheet
263Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF8308MTR1PBF IRF-IRF8308MTR1PBF Datasheet
271Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF Datasheet
230Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com