データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF6894MPBF データシート(PDF) 5 Page - International Rectifier

部品番号 IRF6894MPBF
部品情報  RoHs Compliant Containing No Lead and Bromide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF6894MPBF データシート(HTML) 5 Page - International Rectifier

  IRF6894MPBF Datasheet HTML 1Page - International Rectifier IRF6894MPBF Datasheet HTML 2Page - International Rectifier IRF6894MPBF Datasheet HTML 3Page - International Rectifier IRF6894MPBF Datasheet HTML 4Page - International Rectifier IRF6894MPBF Datasheet HTML 5Page - International Rectifier IRF6894MPBF Datasheet HTML 6Page - International Rectifier IRF6894MPBF Datasheet HTML 7Page - International Rectifier IRF6894MPBF Datasheet HTML 8Page - International Rectifier IRF6894MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRF6894MTRPbF
www.irf.com
5
Fig 13. Typical Threshold Voltage vs. Junction
Temperature
Fig 12. Maximum Drain Current vs. Case Temperature
Fig 10. Typical Source-Drain Diode Forward Voltage
Fig 11. Maximum Safe Operating Area
Fig 14. Maximum Avalanche Energy vs. Drain Current
0.1
0.4
0.7
1.0
VSD, Source-to-Drain Voltage (V)
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VGS = 0V
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
ID = 10mA
25
50
75
100
125
150
TC , Case Temperature (°C)
0
20
40
60
80
100
120
140
160
180
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
400
800
1200
1600
ID
TOP
1.9A
2.7A
BOTTOM 26A
0.01
0.1
1
10
100
VDS , Drain-toSource Voltage (V)
0.01
0.1
1
10
100
1000
10000
TA = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100μsec
DC


同様の部品番号 - IRF6894MPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6894MPBF IRF-IRF6894MPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
logo
Infineon Technologies A...
IRF6894MPBF INFINEON-IRF6894MPBF Datasheet
568Kb / 10P
   HEXFET짰 Power MOSFET plus Schottky Diode?
2016-10-13
More results

同様の説明 - IRF6894MPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
IRF8308MTRPBF IRF-IRF8308MTRPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MTRPBF IRF-IRF6894MTRPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6722S1PBF IRF-IRF6722S1PBF Datasheet
270Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6718L2PBF IRF-IRF6718L2PBF_15 Datasheet
236Kb / 10P
   RoHS Compliant Containing No Lead and Bromide
IRF6726MPBF IRF-IRF6726MPBF_15 Datasheet
262Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF_15 Datasheet
281Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6633TR1 IRF-IRF6633TR1 Datasheet
263Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF8308MTR1PBF IRF-IRF8308MTR1PBF Datasheet
271Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF Datasheet
230Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com