データシートサーチシステム |
|
IRF7241PBF データシート(PDF) 2 Page - International Rectifier |
|
IRF7241PBF データシート(HTML) 2 Page - International Rectifier |
2 / 9 page IRF7241PbF 2 www.irf.com Parameter Min. Typ. Max. Units Conditions IS Continuous Source Current MOSFET symbol (Body Diode) showing the ISM Pulsed Source Current integral reverse (Body Diode) p-n junction diode. VSD Diode Forward Voltage ––– ––– -1.2 V TJ = 25°C, IS = -2.5A, VGS = 0V trr Reverse Recovery Time ––– 32 48 ns TJ = 25°C, IF = -2.5A Qrr Reverse Recovery Charge ––– 45 68 nC di/dt = -100A/µs Source-Drain Ratings and Characteristics A -25 -2.5 S D G Repetitive rating; pulse width limited by max. junction temperature. Notes: Pulse width ≤ 400µs; duty cycle ≤ 2%. Parameter Min. Typ. Max. Units Conditions V(BR)DSS Drain-to-Source Breakdown Voltage -40 ––– ––– V VGS = 0V, ID = -250µA ∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient ––– 0.03 ––– V/°C Reference to 25°C, ID = -1mA ––– 25 41 VGS = -10V, ID = -6.2A ––– 45 70 VGS = -4.5V, ID = -5.0A VGS(th) Gate Threshold Voltage -1.0 ––– -3.0 V VDS = VGS, ID = -250µA gfs Forward Transconductance 8.9 ––– ––– S VDS = -10V, ID = -6.2A ––– ––– -10 VDS = -32V, VGS = 0V ––– ––– -25 VDS = -32V, VGS = 0V, TJ = 70°C Gate-to-Source Forward Leakage ––– ––– -100 VGS = -20V Gate-to-Source Reverse Leakage ––– ––– 100 VGS = 20V Qg Total Gate Charge ––– 53 80 ID = -6.2A Qgs Gate-to-Source Charge ––– 14 21 nC VDS = -32V Qgd Gate-to-Drain ("Miller") Charge ––– 3.9 5.9 VGS = -10V td(on) Turn-On Delay Time ––– 24 ––– VDD = -20V tr Rise Time ––– 280 ––– ID = -1.0A td(off) Turn-Off Delay Time ––– 210 ––– RG = 6.0Ω tf Fall Time ––– 100 ––– VGS = -10V Ciss Input Capacitance ––– 3220 ––– VGS = 0V Coss Output Capacitance ––– 160 ––– pF VDS = -25V Crss Reverse Transfer Capacitance ––– 190 ––– ƒ = 1.0kHz Electrical Characteristics @ TJ = 25°C (unless otherwise specified) IGSS µA m Ω RDS(on) Static Drain-to-Source On-Resistance IDSS Drain-to-Source Leakage Current nA ns Surface mounted on 1 in square Cu board |
同様の部品番号 - IRF7241PBF |
|
同様の説明 - IRF7241PBF |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |