データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7321D2PBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRF7321D2PBF
部品情報  Ideal For Buck Regulator Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7321D2PBF データシート(HTML) 2 Page - International Rectifier

  IRF7321D2PBF Datasheet HTML 1Page - International Rectifier IRF7321D2PBF Datasheet HTML 2Page - International Rectifier IRF7321D2PBF Datasheet HTML 3Page - International Rectifier IRF7321D2PBF Datasheet HTML 4Page - International Rectifier IRF7321D2PBF Datasheet HTML 5Page - International Rectifier IRF7321D2PBF Datasheet HTML 6Page - International Rectifier IRF7321D2PBF Datasheet HTML 7Page - International Rectifier IRF7321D2PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7321D2PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
VGS = 0V, ID = -250µA
––– 0.042 0.062
VGS = -10V, ID = -4.9A
ƒ
––– 0.076 0.098
VGS = -4.5V, ID = -3.6A
ƒ
VGS(th)
Gate Threshold Voltage
-1.0 –––
–––
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
–––
7.7
–––
S
VDS = -15V, ID = -4.9A
––– ––– -1.0
VDS = -24V, VGS = 0V
––– –––
-25
VDS = -24V, VGS = 0V, TJ = 55°C
Gate-to-Source Forward Leakage
––– –––
100
VGS = -20V
Gate-to-Source Reverse Leakage
––– ––– -100
VGS = 20V
Qg
Total Gate Charge
–––
23
34
ID = -4.9A
Qgs
Gate-to-Source Charge
–––
3.8
5.7
nC
VDS = -15V
Qgd
Gate-to-Drain ("Miller") Charge
–––
5.9
8.9
VGS = -10V, See Fig. 6
ƒ
td(on)
Turn-On Delay Time
–––
13
19
VDD = -15V
tr
Rise Time
–––
13
20
ID = -1.0A
td(off)
Turn-Off Delay Time
–––
34
51
RG = 6.0Ω
tf
Fall Time
–––
32
48
RD = 15Ω,
ƒ
Ciss
Input Capacitance
––– 710
–––
VGS = 0V
Coss
Output Capacitance
––– 380
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
––– 180
–––
ƒ = 1.0MHz, See Fig. 5
MOSFET Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
IGSS
µA
nA
ns
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current(Body Diode) –––
––– -2.5
ISM
Pulsed Source Current (Body Diode)
–––
–––
-30
VSD
Body Diode Forward Voltage
––– -0.78 -1.0
V
TJ = 25°C, IS = -1.7A, VGS = 0V
trr
Reverse Recovery Time (Body Diode) –––
44
66
ns
TJ = 25°C, IF = -1.7A
Qrr
Reverse Recovery Charge
–––
42
63
nC
di/dt = 100A/µs
ƒ
A
MOSFET Source-Drain Ratings and Characteristics
Parameter
Max. Units
Conditions
If (av)
Max. Average Forward Current
3.2
50% Duty Cycle. Rectangular Wave, Tc = 25°C
2.0
See Fig.14
Tc = 70°C
ISM
Max. peak one cycle Non-repetitive
200
5µs sine or 3µs Rect. pulse
Following any rated
Surge current
20
10ms sine or 6ms Rect. pulse load condition &
with Vrrm applied
A
Schottky Diode Maximum Ratings
A
Parameter
Max. Units
Conditions
Vfm
Max. Forward voltage drop
0.57
If = 3.0, Tj = 25°C
0.77
If = 6.0, Tj = 25°C
0.52
If = 3.0, Tj = 125°C
0.79
If = 6.0, Tj = 125°C
.
Irm
Max. Reverse Leakage current
0.30
Vr = 30V
Tj = 25°C
37
Tj = 125°C
Ct
Max. Junction Capacitance
310
pF
Vr = 5Vdc ( 100kHz to 1 MHz) 25°C
dv/dt
Max. Voltage Rate of Charge
4900 V/µs
Rated Vr
Schottky Diode Electrical Specifications
V
mA
( HEXFET is the reg. TM for International Rectifier Power MOSFET's )


同様の部品番号 - IRF7321D2PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
208Kb / 8P
   FETKY MOSFET & Schottky Diode
More results

同様の説明 - IRF7321D2PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7342D2PBF IRF-IRF7342D2PBF_15 Datasheet
203Kb / 11P
   Ideal For Buck Regulator Applications
IRF5803D2PBF IRF-IRF5803D2PBF_15 Datasheet
148Kb / 11P
   Ideal For Buck Regulator Applications
logo
Marl International Limi...
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
   Ideal for marine applications
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
logo
Ohmite Mfg. Co.
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sangdest Microelectroni...
DSR1A SMC-DSR1A Datasheet
162Kb / 5P
   Ideal for surface mouted applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
logo
Marl International Limi...
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-P106 AVAGO-HLMP-P106 Datasheet
227Kb / 7P
   Ideal for space limited applications
logo
Littelfuse
NGD8201B LITTELFUSE-NGD8201B Datasheet
1Mb / 6P
   Ideal for Coil?뭥n?뭁lug Applications
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com