データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KDR367 データシート(PDF) 1 Page - KEC(Korea Electronics)

部品番号 KDR367
部品情報  SCHOTTKY BARRIER TYPE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR367 データシート(HTML) 1 Page - KEC(Korea Electronics)

  KDR367_15 Datasheet HTML 1Page - KEC(Korea Electronics) KDR367_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2014. 3. 31
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR367
SCHOTTKY BARRIER TYPE DIODE
Revision No : 3
LOW VOLTAGE HIGH SPEED SWITCHING.
FEATURES
・Low Forward Voltage : V
F(2)=0.23V (Typ.)
・Small Package : USC.
MAXIMUM RATING (Ta=25
℃)
1. ANODE
2. CATHODE
USC
DIM
MILLIMETERS
A
B
C
D
E
F
G
H
J
K
2.50 0.2
1.25 0.05
0.90 0.05
1.70 0.05
0.126 0.03
0~0.1
0.15 0.05
0.4
2 +4/-2
L
M4~6
I1.0 MAX
M
M
I
C
J
G
D
2
1
B
H
+
_
+
_
+
_
+
_
0.30 0.06
+
_
0.27 0.10
+
_
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum (Peak) Reverse Voltage
VRM
15
V
Reverse Voltage
VR
10
V
Maximum (Peak) Forward Current
IFM
200
mA
Average Forward Current
IO
100
mA
Surge Current (10ms)
IFSM
1
A
Power Dissipation
PD
200*
mW
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55
~125
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF(1)
IF=1mA
-
0.18
-
V
VF(2)
IF=5mA
-
0.23
0.30
VF(3)
IF=100mA
-
0.35
0.50
Reverse Current
IR
VR=10V
-
-
20
μA
Total Capacitance
CT
VR=0V, f=1MHz
-
20
40
pF
* : Mounted on a glass epoxy circuit board of 20
×20mm,
pad dimension of 4
×4mm.
Marking
US
Type Name
Lot No.


同様の部品番号 - KDR367_15

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KDR367E KEC-KDR367E Datasheet
392Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR367E KEC-KDR367E_15 Datasheet
358Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
KDR367 KEC-KDR367_08 Datasheet
21Kb / 1P
   USC PACKAGE
More results

同様の説明 - KDR367_15

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB14 KEC-SMAB14_08 Datasheet
218Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB34 KEC-SMAB34_07 Datasheet
436Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMBB34 KEC-SMBB34 Datasheet
438Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMFB23 KEC-SMFB23_08 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com