データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7413PBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRF7413PBF
部品情報  ULTAR LOW ON RESISTANCE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7413PBF データシート(HTML) 1 Page - International Rectifier

  IRF7413PBF Datasheet HTML 1Page - International Rectifier IRF7413PBF Datasheet HTML 2Page - International Rectifier IRF7413PBF Datasheet HTML 3Page - International Rectifier IRF7413PBF Datasheet HTML 4Page - International Rectifier IRF7413PBF Datasheet HTML 5Page - International Rectifier IRF7413PBF Datasheet HTML 6Page - International Rectifier IRF7413PBF Datasheet HTML 7Page - International Rectifier IRF7413PBF Datasheet HTML 8Page - International Rectifier IRF7413PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRF7413PbF
VDSS = 30V
RDS(on) = 0.011Ω
HEXFET® Power MOSFET
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
l GenerationVTechnology
l Ultra Low On-Resistance
l N-ChannelMosfet
l SurfaceMount
l Available in Tape & Reel
l Dynamic dv/dt Rating
l Fast Switching
l 100% RG Tested
l Lead-Free
Description
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of power
applications. With these improvements, multiple devices
can be used in an application with dramatically reduced
board space. The package is designed for vapor phase,
infra red, or wave soldering techniques. Power dissipation
of greater than 0.8W is possible in a typical PCB mount
application.
02/11/08
SO-8
Symbol
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
W
Linear Derating Factor
mW/°C
EAS
Single Pulse Avalanche Energency
d
mJ
dv/dt
Peak Diode Recovery dv/dt
e
V/ns
TJ, TSTG
Junction and Storage Temperature Range
°C
Symbol
Parameter
TypMax
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
g
–––
50
V
2.5
Max
30
± 20
13
Thermal Resistance Ratings
Absolute Maximum Ratings
°C/W
9.2
5.0
0.02
260
-55 to +150
58
www.irf.com
1
PD - 95017C


同様の部品番号 - IRF7413PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7413PBF IRF-IRF7413PBF Datasheet
211Kb / 9P
   HEXFET Power MOSFET
IRF7413PBF-1 IRF-IRF7413PBF-1 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
More results

同様の説明 - IRF7413PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7406PBF IRF-IRF7406PBF_15 Datasheet
240Kb / 9P
   ULTAR LOW ON RESISTANCE
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com