データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7416PBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRF7416PBF
部品情報  GENERATION V TECHNOLOGY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7416PBF データシート(HTML) 1 Page - International Rectifier

  IRF7416PBF Datasheet HTML 1Page - International Rectifier IRF7416PBF Datasheet HTML 2Page - International Rectifier IRF7416PBF Datasheet HTML 3Page - International Rectifier IRF7416PBF Datasheet HTML 4Page - International Rectifier IRF7416PBF Datasheet HTML 5Page - International Rectifier IRF7416PBF Datasheet HTML 6Page - International Rectifier IRF7416PBF Datasheet HTML 7Page - International Rectifier IRF7416PBF Datasheet HTML 8Page - International Rectifier IRF7416PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRF7416PbF
HEXFET® Power MOSFET
l
Generation V Technology
l
Ultra Low On-Resistance
l
P-Channel Mosfet
l
Surface Mount
l
Available in Tape & Reel
l
Dynamic dv/dt Rating
l
Fast Switching
l
Lead-Free
Description
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of power
applications. With these improvements, multiple devices
can be used in an application with dramatically reduced
board space. The package is designed for vapor phase,
infra red, or wave soldering techniques. Power dissipation
of greater than 0.8W is possible in a typical PCB mount
application.
06/29/11
www.irf.com
1
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
VDSS = -30V
RDS(on) = 0.02Ω
SO-8
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-10
ID @ TA = 70°C
Continuous Drain Current, VGS @ -10V
-7.1
IDM
Pulsed Drain Current
c
-45
PD @TA = 25°C
Power Dissipation
2.5
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
d
370
mJ
dv/dt
Peak Diode Recovery dv/dt
e
-5.0
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Max.
Units
RθJA
Junction-to-Ambient
g
50
°C/W
W
A
°C
-55 to + 150
PD - 95137A


同様の部品番号 - IRF7416PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7416PBF IRF-IRF7416PBF Datasheet
201Kb / 9P
   HEXFET Power MOSFET
IRF7416PBF-1 IRF-IRF7416PBF-1 Datasheet
234Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7416PBF-1 IRF-IRF7416PBF-1_15 Datasheet
234Kb / 9P
   Industry-standard pinout SO-8 Package
More results

同様の説明 - IRF7416PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com