データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA1552S-E データシート(PDF) 1 Page - ON Semiconductor

部品番号 2SA1552S-E
部品情報  Bipolar Transistor Converters, inverters, color TV audio output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1552S-E データシート(HTML) 1 Page - ON Semiconductor

  2SA1552S-E Datasheet HTML 1Page - ON Semiconductor 2SA1552S-E Datasheet HTML 2Page - ON Semiconductor 2SA1552S-E Datasheet HTML 3Page - ON Semiconductor 2SA1552S-E Datasheet HTML 4Page - ON Semiconductor 2SA1552S-E Datasheet HTML 5Page - ON Semiconductor 2SA1552S-E Datasheet HTML 6Page - ON Semiconductor 2SA1552S-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
D1813 TKIM TC-00003080/60612 TKIM/91708 TIIM TC-00001624/D0505CB MSIM X-0448/ No.2262-1/7
53002RM (KT)/72098HA (KT)/8109MO/5137TA, TS
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
December, 2013
2SA1552/2SC4027
Bipolar Transistor
(–)160V, (–)1.5A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
Applications
Converters, inverters, color TV audio output
Features
Adoption of FBET, MBIT processes
High voltage and large current capacity
Ultrahigh-speed switching
Small and slim package permitting 2SA1552 / 2SC4027-applied sets to be made more compact
Specifications ( ): 2SA1552
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector to Base Voltage
VCBO
(--)180
V
Collector to Emitter Voltage
VCEO
(--)160
V
Emitter to Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)1.5
A
Collector Current (Pulse)
ICP
(--)2.5
A
Continued on next page.
Package Dimensions unit : mm (typ)
Package Dimensions unit : mm (typ)
7518-003
7003-003
Ordering number : EN2262F
Product & Package Information
• Package : TP
• Package : TP-FA
• JEITA, JEDEC : SC-64, TO-251
• JEITA, JEDEC : SC-63, TO-252
• Minimum Packing Quantity : 500 pcs./bag
• Minimum Packing Quantity : 700 pcs./reel
Marking
Packing Type (TP-FA) : TL
Electrical Connection
(TP, TP-FA)
TL
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3 2.3
1 : Base
2 : Collector
3 : Emitter
4 : Collector
TP
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3 2.3
0 to 0.2
1 : Base
2 : Collector
3 : Emitter
4 : Collector
TP-FA
2SA1552S-E
2SA1552S-H
2SA1552T-E
2SA1552T-H
2SC4027S-E
2SC4027S-H
2SC4027T-E
2SC4027T-H
2SA1552S-TL-E
2SA1552S-TL-H
2SA1552T-TL-E
2SA1552T-TL-H
2SC4027S-TL-E
2SC4027S-TL-H
2SC4027T-TL-E
2SC4027T-TL-H
2,4
3
1
2SC4027
2,4
3
1
2SA1552
A1552
C4027
LOT No.
RANK
LOT No.
RANK


同様の部品番号 - 2SA1552S-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2SA1552S-E ONSEMI-2SA1552S-E Datasheet
419Kb / 10P
   Bipolar Transistor
August, 2013
More results

同様の説明 - 2SA1552S-E

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
2SC2383 UTC-2SC2383_15 Datasheet
65Kb / 3P
   COLOR TV AUDIO OUTPUT COLOR TV VERTICAL OUTPUT
2SC2383 UTC-2SC2383 Datasheet
70Kb / 3P
   COLOR TV AUDIO OUTPUT & COLOR TV VERTICAL OUTPUT
logo
Fairchild Semiconductor
KSC2383 FAIRCHILD-KSC2383 Datasheet
52Kb / 5P
   Color TV Audio Output & Color TV Vertical
KSA1013 FAIRCHILD-KSA1013 Datasheet
55Kb / 5P
   Color TV Audio Output Color TV Vertical Deflection Output
FJC2383 FAIRCHILD-FJC2383 Datasheet
437Kb / 6P
   Color TV Audio Output & Color TV Vertical Deflection Output
KSA1013YBU FAIRCHILD-KSA1013YBU Datasheet
60Kb / 5P
   Color TV Audio Output Color TV Vertical Deflection Output
FJC2383YTF FAIRCHILD-FJC2383YTF Datasheet
442Kb / 6P
   NPN Epitaxial Silicon Transistor Color TV Audio Output & Color TV Vertical Deflection Output
logo
Samsung semiconductor
KSA1013 SAMSUNG-KSA1013 Datasheet
102Kb / 3P
   PNP (COLOR TV AUDIO OUTPUT)
logo
KEC(Korea Electronics)
KTC4217 KEC-KTC4217 Datasheet
401Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR (COLOR TV CHROMA OUTPUT AND AUDIO OUTPUT)
logo
Samsung semiconductor
KSC2383 SAMSUNG-KSC2383 Datasheet
104Kb / 3P
   NPN (COLOR TV AUDIO OUTPUT, VERTICAL DEFLECFION OUTPUT)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com