データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7780MPBF データシート(PDF) 5 Page - International Rectifier

部品番号 IRF7780MPBF
部品情報  Brushed Motor drive applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7780MPBF データシート(HTML) 5 Page - International Rectifier

  IRF7780MPBF Datasheet HTML 1Page - International Rectifier IRF7780MPBF Datasheet HTML 2Page - International Rectifier IRF7780MPBF Datasheet HTML 3Page - International Rectifier IRF7780MPBF Datasheet HTML 4Page - International Rectifier IRF7780MPBF Datasheet HTML 5Page - International Rectifier IRF7780MPBF Datasheet HTML 6Page - International Rectifier IRF7780MPBF Datasheet HTML 7Page - International Rectifier IRF7780MPBF Datasheet HTML 8Page - International Rectifier IRF7780MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
 
IRF7780MTRPbF
5
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
June 4, 2015
 
Fig 10. Maximum Safe Operating Area
Fig 11. Drain-to-Source Breakdown Voltage
Fig 9. Typical Source-Drain Diode Forward Voltage
Fig 13. Typical On-Resistance vs. Drain Current
0.2
0.4
0.6
0.8
1.0
1.2
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VGS = 0V
0.1
1
10
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
DC
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Temperature ( °C )
74
76
78
80
82
84
86
88
90
Id = 1.0mA
-10
0
10
20
30
40
50
60
70
80
VDS, Drain-to-Source Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Fig 12. Typical Coss Stored Energy
0
20 40 60 80 100 120 140 160 180 200
ID, Drain Current (A)
3.2
4.0
4.8
5.6
6.4
7.2
8.0
Vgs = 5.5V
Vgs = 6.0V
Vgs = 7.0V
Vgs = 8.0V
Vgs = 10V


同様の部品番号 - IRF7780MPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7780MTRPBF IRF-IRF7780MTRPBF Datasheet
698Kb / 12P
   Brushed Motor drive applications
More results

同様の説明 - IRF7780MPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com