データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7815PBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRF7815PBF
部品情報  Synchronous MOSFET for Notebook Processor Power
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7815PBF データシート(HTML) 2 Page - International Rectifier

  IRF7815PBF Datasheet HTML 1Page - International Rectifier IRF7815PBF Datasheet HTML 2Page - International Rectifier IRF7815PBF Datasheet HTML 3Page - International Rectifier IRF7815PBF Datasheet HTML 4Page - International Rectifier IRF7815PBF Datasheet HTML 5Page - International Rectifier IRF7815PBF Datasheet HTML 6Page - International Rectifier IRF7815PBF Datasheet HTML 7Page - International Rectifier IRF7815PBF Datasheet HTML 8Page - International Rectifier IRF7815PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7815PbF
2
www.irf.com
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.17
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
34
43
m
VGS(th)
Gate Threshold Voltage
3.0
4.0
5.0
V
∆VGS(th)
Gate Threshold Voltage Coefficient
–––
-12.2
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
8.2
–––
–––
S
Qg
Total Gate Charge
–––
25
38
Qgs1
Pre-Vth Gate-to-Source Charge
–––
6.5
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.3
–––
Qgs
Gate-to-Source Charge
–––
7.8
–––
Qgd
Gate-to-Drain Charge
–––
7.4
–––
See Figs. 6, 16a & 16b
Qgodr
Gate Charge Overdrive
–––
9.8
–––
Qsw
Switch Charge (Qgs2 + Qgd)
–––
8..7
–––
Qoss
Output Charge
–––
10
–––
nC
RG
Gate Resistance
–––
1.02
–––
td(on)
Turn-On Delay Time
–––
8.4
–––
tr
Rise Time
–––
3.2
–––
td(off)
Turn-Off Delay Time
–––
14
–––
tf
Fall Time
–––
8.3
–––
Ciss
Input Capacitance
–––
1647
–––
Coss
Output Capacitance
–––
129
–––
Crss
Reverse Transfer Capacitance
–––
30
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
41
62
ns
Qrr
Reverse Recovery Charge
–––
213
320
nC
ID = 3.1A
VGS = 0V
VDS = 75V
pF
Typ.
–––
RG = 1.8Ω
–––
VDS = 150V, VGS = 0V, TJ = 125°C
VDS = VGS, ID = 100µA
VDS = 150V, VGS = 0V
VGS = 10V
VDS = 75V
VGS = 20V
VGS = -20V
VDS = 50V, ID = 3.1A
TJ = 25°C, IF = 3.1A, VDD = 75V
di/dt = 300A/µs
e
TJ = 25°C, IS = 3.1A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
MOSFET symbol
VDS = 16V, VGS = 0V
VDD = 75V, VGS = 10V e
ID = 3.1A
Conditions
See Figs. 15a & 15b
Max.
529
3.1
ƒ = 1.0MHz
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 3.1A
e
µA
nA
nC
ns
A
2.3
–––
–––
–––
–––
41


同様の部品番号 - IRF7815PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7815PBF IRF-IRF7815PBF Datasheet
266Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
More results

同様の説明 - IRF7815PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7832TR IRF-IRF7832TR Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRFH7936TRPBF IRF-IRFH7936TRPBF Datasheet
295Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8252PBF IRF-IRF8252PBF_15 Datasheet
239Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7832PBF IRF-IRF7832PBF_15 Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7842PBF IRF-IRF7842PBF_15 Datasheet
225Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717PBF-1 IRF-IRF3717PBF-1_15 Datasheet
258Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7820PBF IRF-IRF7820PBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8736TRPBF IRF-IRF8736TRPBF Datasheet
253Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7820TRPBF IRF-IRF7820TRPBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8113TRPBF IRF-IRF8113TRPBF Datasheet
272Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717TRPBF IRF-IRF3717TRPBF Datasheet
224Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com