データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7821PBF-1 データシート(PDF) 7 Page - International Rectifier

部品番号 IRF7821PBF-1
部品情報  Industry-standard pinout SO-8 Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7821PBF-1 データシート(HTML) 7 Page - International Rectifier

Back Button IRF7821PBF-1_15 Datasheet HTML 2Page - International Rectifier IRF7821PBF-1_15 Datasheet HTML 3Page - International Rectifier IRF7821PBF-1_15 Datasheet HTML 4Page - International Rectifier IRF7821PBF-1_15 Datasheet HTML 5Page - International Rectifier IRF7821PBF-1_15 Datasheet HTML 6Page - International Rectifier IRF7821PBF-1_15 Datasheet HTML 7Page - International Rectifier IRF7821PBF-1_15 Datasheet HTML 8Page - International Rectifier IRF7821PBF-1_15 Datasheet HTML 9Page - International Rectifier IRF7821PBF-1_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRF7821PbF-1
7
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
November 22, 2013
D.U.T.
VDS
ID
IG
3mA
VGS
.3
μF
50K
Ω
.2
μF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 16. Gate Charge Test Circuit
Fig 15.
Peak Diode Recovery dv/dt Test Circuit for N-Channel
HEXFET® Power MOSFETs
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

Fig 17. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr


同様の部品番号 - IRF7821PBF-1_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
   HEXFET짰Power MOSFET
IRF7821PBF IRF-IRF7821PBF Datasheet
291Kb / 10P
   Fully Characterized Avalanche Voltage and Current
IRF7821PBF IRF-IRF7821PBF_15 Datasheet
291Kb / 10P
   Fully Characterized Avalanche Voltage and Current
More results

同様の説明 - IRF7821PBF-1_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com