データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7821PBF-1 データシート(PDF) 8 Page - International Rectifier

部品番号 IRF7821PBF-1
部品情報  Industry-standard pinout SO-8 Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7821PBF-1 データシート(HTML) 8 Page - International Rectifier

Back Button IRF7821PBF-1_15 Datasheet HTML 2Page - International Rectifier IRF7821PBF-1_15 Datasheet HTML 3Page - International Rectifier IRF7821PBF-1_15 Datasheet HTML 4Page - International Rectifier IRF7821PBF-1_15 Datasheet HTML 5Page - International Rectifier IRF7821PBF-1_15 Datasheet HTML 6Page - International Rectifier IRF7821PBF-1_15 Datasheet HTML 7Page - International Rectifier IRF7821PBF-1_15 Datasheet HTML 8Page - International Rectifier IRF7821PBF-1_15 Datasheet HTML 9Page - International Rectifier IRF7821PBF-1_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRF7821PbF-1
8
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
November 22, 2013
Control FET
Special attention has been given to the power losses
in the switching elements of the circuit - Q1 and Q2.
Power losses in the high side switch Q1, also called
the Control FET, are impacted by the R
ds(on) of the
MOSFET, but these conduction losses are only about
one half of the total losses.
Power losses in the control switch Q1 are given
by;
P
loss = Pconduction+ Pswitching+ Pdrive+ Poutput
This can be expanded and approximated by;
P
loss = Irms
2 × R
ds(on )
(
)
+ I ×
Q
gd
i
g
× V
in × f
⎟ + I ×
Q
gs 2
i
g
× V
in × f
+ Q
g × Vg × f
()
+
Q
oss
2
×V
in × f
This simplified loss equation includes the terms Q
gs2
and Q
oss which are new to Power MOSFET data sheets.
Q
gs2 is a sub element of traditional gate-source
charge that is included in all MOSFET data sheets.
The importance of splitting this gate-source charge
into two sub elements, Q
gs1 and Qgs2, can be seen from
Fig 16.
Q
gs2 indicates the charge that must be supplied by
the gate driver between the time that the threshold
voltage has been reached and the time the drain cur-
rent rises to I
dmax at which time the drain voltage be-
gins to change. Minimizing Q
gs2 is a critical factor in
reducing switching losses in Q1.
Q
oss is the charge that must be supplied to the out-
put capacitance of the MOSFET during every switch-
ing cycle. Figure A shows how Q
oss is formed by the
parallel combination of the voltage dependant (non-
linear) capacitance’s C
ds and Cdg when multiplied by
the power supply input buss voltage.
Synchronous FET
The power loss equation for Q2 is approximated
by;
P
loss = Pconduction + Pdrive + Poutput
*
P
loss = Irms
2 × R
ds(on)
()
+ Q
g × Vg × f
()
+
Q
oss
2
× V
in × f
+ Q
rr × Vin × f
(
)
*dissipated primarily in Q1.
For the synchronous MOSFET Q2, R
ds(on) is an im-
portant characteristic; however, once again the im-
portance of gate charge must not be overlooked since
it impacts three critical areas. Under light load the
MOSFET must still be turned on and off by the con-
trol IC so the gate drive losses become much more
significant. Secondly, the output charge Q
oss and re-
verse recovery charge Q
rr both generate losses that
are transfered to Q1 and increase the dissipation in
that device. Thirdly, gate charge will impact the
MOSFETs’ susceptibility to Cdv/dt turn on.
The drain of Q2 is connected to the switching node
of the converter and therefore sees transitions be-
tween ground and V
in. As Q1 turns on and off there is
a rate of change of drain voltage dV/dt which is ca-
pacitively coupled to the gate of Q2 and can induce
a voltage spike on the gate that is sufficient to turn
the MOSFET on, resulting in shoot-through current .
The ratio of Q
gd/Qgs1 must be minimized to reduce the
potential for Cdv/dt turn on.
Power MOSFET Selection for Non-Isolated DC/DC Converters
Figure A: Q
oss Characteristic


同様の部品番号 - IRF7821PBF-1_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
   HEXFET짰Power MOSFET
IRF7821PBF IRF-IRF7821PBF Datasheet
291Kb / 10P
   Fully Characterized Avalanche Voltage and Current
IRF7821PBF IRF-IRF7821PBF_15 Datasheet
291Kb / 10P
   Fully Characterized Avalanche Voltage and Current
More results

同様の説明 - IRF7821PBF-1_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com