データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7905PBF データシート(PDF) 10 Page - International Rectifier

部品番号 IRF7905PBF
部品情報  Improved Body Diode Reverse Recovery
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7905PBF データシート(HTML) 10 Page - International Rectifier

Back Button IRF7905PBF_15 Datasheet HTML 2Page - International Rectifier IRF7905PBF_15 Datasheet HTML 3Page - International Rectifier IRF7905PBF_15 Datasheet HTML 4Page - International Rectifier IRF7905PBF_15 Datasheet HTML 5Page - International Rectifier IRF7905PBF_15 Datasheet HTML 6Page - International Rectifier IRF7905PBF_15 Datasheet HTML 7Page - International Rectifier IRF7905PBF_15 Datasheet HTML 8Page - International Rectifier IRF7905PBF_15 Datasheet HTML 9Page - International Rectifier IRF7905PBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRF7905PbF
10
www.irf.com
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 07/2008
330.00
(12.992)
MAX.
14.40 ( .566 )
12.40 ( .488 )
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
FEED DIRECTION
TERMINAL NUMBER 1
12.3 ( .484 )
11.7 ( .461 )
8.1 ( .318 )
7.9 ( .312 )
NOTES:
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
SO-8 Tape and Reel
Dimensions are shown in millimeters (inches)
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, Q1: L = 0.62mH
RG = 25Ω, IAS = 6.2A; Q2: L = 0.72mH
RG = 25Ω, IAS = 7.1A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ When mounted on 1 inch square copper board.
… Rθ is measured at TJ approximately 90°C.
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/


同様の部品番号 - IRF7905PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7905PBF IRF-IRF7905PBF_08 Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers
More results

同様の説明 - IRF7905PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7902PBF IRF-IRF7902PBF_15 Datasheet
266Kb / 10P
   Improved Body Diode Reverse Recovery
IRF7904PBF IRF-IRF7904PBF_15 Datasheet
261Kb / 10P
   Improved Body Diode Reverse Recovery
IRF7907PBF IRF-IRF7907PBF_15 Datasheet
325Kb / 10P
   Improved Body Diode Reverse Recovery
logo
STMicroelectronics
STB18N60DM2 STMICROELECTRONICS-STB18N60DM2 Datasheet
897Kb / 15P
   Fast-recovery body diode
STD12N50DM2 STMICROELECTRONICS-STD12N50DM2 Datasheet
817Kb / 16P
   Fast-recovery body diode
March 2016 Rev 2
STB45N60DM2AG STMICROELECTRONICS-STB45N60DM2AG Datasheet
546Kb / 15P
   Fast-recovery body diode
STD13N60DM2 STMICROELECTRONICS-STD13N60DM2 Datasheet
839Kb / 16P
   Fast-recovery body diode
December 2016 Rev 2
STL19N60DM2 STMICROELECTRONICS-STL19N60DM2 Datasheet
677Kb / 13P
   Fast-recovery body diode
August 2014 Rev 1
STF12N50DM2 STMICROELECTRONICS-STF12N50DM2 Datasheet
709Kb / 13P
   Fast-recovery body diode
March 2016 Rev 2
logo
Pan Jit International I...
PSDH3060CCS1 PANJIT-PSDH3060CCS1 Datasheet
1Mb / 5P
   Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
March 2,2021 PSDH3060CCS1-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com