データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7910PBF-1 データシート(PDF) 1 Page - International Rectifier

部品番号 IRF7910PBF-1
部品情報  Industry-standard pinout SO-8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7910PBF-1 データシート(HTML) 1 Page - International Rectifier

  IRF7910PBF-1 Datasheet HTML 1Page - International Rectifier IRF7910PBF-1 Datasheet HTML 2Page - International Rectifier IRF7910PBF-1 Datasheet HTML 3Page - International Rectifier IRF7910PBF-1 Datasheet HTML 4Page - International Rectifier IRF7910PBF-1 Datasheet HTML 5Page - International Rectifier IRF7910PBF-1 Datasheet HTML 6Page - International Rectifier IRF7910PBF-1 Datasheet HTML 7Page - International Rectifier IRF7910PBF-1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
Notes
 through „ are on page 8
SO-8
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
IRF7910PbF-1
Applications
l High Frequency 3.3V and 5V input Point of-Load Synchronous Buck Converters for Netcom and
Computing Applications
l Power Management for Netcom, Computing and Portable Applications
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
42
RθJA
Junction-to-Ambient
„
–––
62.5
°C/W
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
12
V
VGS
Gate-to-Source Voltage
± 12
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
10
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
7.9
A
IDM
Pulsed Drain Current

79
PD @TA = 25°C
Maximum Power Dissipation
„
2.0
W
PD @TA = 70°C
Maximum Power Dissipation
„
1.3
W
Linear Derating Factor
16
mW/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Form
Quantity
Tube/Bulk
95
IRF7910PbF-1
Tape and Reel
4000
IRF7910TRPbF-1
Package Type
Standard Pack
Orderable Part Number
IRF7910PbF-1
SO-8
Base Part Number
Features
Benefits
Industry-standard pinout SO-8 Package
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant, Halogen-Free
Environmentally Friendlier
MSL1, Industrial qualification
Increased Reliability
VDS
12
V
RDS(on) max
(@VGS = 4.5V)
15
Qg (typical)
17
nC
ID
(@TA = 25°C)
10
A
1
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
November 22, 2013


同様の部品番号 - IRF7910PBF-1

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7910PBF IRF-IRF7910PBF Datasheet
131Kb / 8P
   HEXFET Power MOSFET
IRF7910PBF IRF-IRF7910PBF Datasheet
229Kb / 8P
   HEXFET Power MOSFET
IRF7910PBF IRF-IRF7910PBF Datasheet
223Kb / 8P
   Ultra-Low Gate Impedance
IRF7910PBF IRF-IRF7910PBF Datasheet
223Kb / 8P
   Ultra-Low Gate Impedance
IRF7910PBF IRF-IRF7910PBF_08 Datasheet
229Kb / 8P
   HEXFET Power MOSFET
More results

同様の説明 - IRF7910PBF-1

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com