データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF8714PBF-1 データシート(PDF) 9 Page - International Rectifier

部品番号 IRF8714PBF-1
部品情報  Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF8714PBF-1 データシート(HTML) 9 Page - International Rectifier

  IRF8714PBF-1_15 Datasheet HTML 1Page - International Rectifier IRF8714PBF-1_15 Datasheet HTML 2Page - International Rectifier IRF8714PBF-1_15 Datasheet HTML 3Page - International Rectifier IRF8714PBF-1_15 Datasheet HTML 4Page - International Rectifier IRF8714PBF-1_15 Datasheet HTML 5Page - International Rectifier IRF8714PBF-1_15 Datasheet HTML 6Page - International Rectifier IRF8714PBF-1_15 Datasheet HTML 7Page - International Rectifier IRF8714PBF-1_15 Datasheet HTML 8Page - International Rectifier IRF8714PBF-1_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRF8714PbF-1
9
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
November 22, 2013
330.00
(12.992)
MAX.
14.40 ( .566 )
12.40 ( .488 )
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
FEED DIRECTION
TERMINAL NUMBER 1
12.3 ( .484 )
11.7 ( .461 )
8.1 ( .318 )
7.9 ( .312 )
NOTES:
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
SO-8 Tape and Reel (Dimensions are shown in milimeters (inches))
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 1.1mH, RG = 25Ω, IAS = 11A.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
„ When mounted on 1 inch square copper board.
… Rθ is measured at TJ of approximately 90°C.
Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability
†† Applicable version of JEDEC standard at the time of product release
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
MS L1
(per JEDEC J-S TD-020D
†† )
RoHS compliant
Yes
Qualification information
Qualification level
Industrial
(per JEDEC JES D47F
†† guidelines)
Moisture Sensitivity Level
SO-8


同様の部品番号 - IRF8714PBF-1_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF8714PBF IRF-IRF8714PBF Datasheet
250Kb / 9P
   HEXFET Power MOSFET
IRF8714PBF IRF-IRF8714PBF Datasheet
256Kb / 9P
   Control MOSFET for Isolated DC-DC Converters in Networking Systems
IRF8714PBF IRF-IRF8714PBF_15 Datasheet
256Kb / 9P
   Control MOSFET for Isolated DC-DC Converters in Networking Systems
More results

同様の説明 - IRF8714PBF-1_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF8721TRPBF IRF-IRF8721TRPBF Datasheet
235Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRFH7934PBF IRF-IRFH7934PBF_15 Datasheet
265Kb / 10P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRFH7914PBF IRF-IRFH7914PBF_15 Datasheet
294Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRFH7914TRPBF IRF-IRFH7914TRPBF Datasheet
304Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRF8707GTRPBF IRF-IRF8707GTRPBF Datasheet
252Kb / 9P
   Control MOSFET of Sync-Buck  Converters used for Notebook  Processor Power
IRF8714GTRPBF IRF-IRF8714GTRPBF Datasheet
254Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRF7413ZPBF IRF-IRF7413ZPBF_15 Datasheet
289Kb / 10P
   Control FET for Notebook Processor Power
IRF7807ZPBF IRF-IRF7807ZPBF_15 Datasheet
220Kb / 10P
   Control FET for Notebook Processor Power
IRF7413ZGPBF IRF-IRF7413ZGPBF Datasheet
292Kb / 10P
   Control FET for Notebook Processor Power
IRF7413ZTRPBF IRF-IRF7413ZTRPBF Datasheet
272Kb / 10P
   Control FET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com