データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF9393PBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRF9393PBF
部品情報  Industry-Standard SO8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF9393PBF データシート(HTML) 2 Page - International Rectifier

  IRF9393PBF_15 Datasheet HTML 1Page - International Rectifier IRF9393PBF_15 Datasheet HTML 2Page - International Rectifier IRF9393PBF_15 Datasheet HTML 3Page - International Rectifier IRF9393PBF_15 Datasheet HTML 4Page - International Rectifier IRF9393PBF_15 Datasheet HTML 5Page - International Rectifier IRF9393PBF_15 Datasheet HTML 6Page - International Rectifier IRF9393PBF_15 Datasheet HTML 7Page - International Rectifier IRF9393PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF9393PbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 3.5mH, RG = 25Ω, IAS = -7.5A.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
„ When mounted on 1 inch square copper board.
… Rθ is measured at TJ of approximately 90°C.
† For DESIGN AID ONLY, not subject to production testing.
G
D
S
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.019
–––
V/°C
RDS(on)
–––
13.3
–––
–––
15.6
19.4
–––
25.6
32.5
VGS(th)
Gate Threshold Voltage
-1.3
-1.8
-2.4
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-5.7
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
-1.0
–––
–––
-150
IGSS
Gate-to-Source Forward Leakage
–––
–––
-10
Gate-to-Source Reverse Leakage
–––
–––
10
gfs
Forward Transconductance
13
–––
–––
S
Qg
Total Gate Charge
h
–––
14
–––
nC
VDS = -15V, VGS = -4.5V, ID = - 7.5A
Qg
Total Gate Charge
h
–––
25
38
Qgs
Gate-to-Source Charge
h
–––
3.5
–––
Qgd
Gate-to-Drain Charge
h
–––
6.4
–––
RG
Gate Resistance
h
–––
15
–––
Ω
td(on)
Turn-On Delay Time
–––
16
–––
tr
Rise Time
–––
44
–––
td(off)
Turn-Off Delay Time
–––
55
–––
tf
Fall Time
–––
49
–––
Ciss
Input Capacitance
–––
1110
–––
Coss
Output Capacitance
–––
230
–––
Crss
Reverse Transfer Capacitance
–––
160
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
-1.2
V
trr
Reverse Recovery Time
–––
24
36
ns
Qrr
Reverse Recovery Charge
–––
15
23
nC
Thermal Resistance
Parameter
Units
RθJL
Junction-to-Drain Lead
g
RθJA
Junction-to-Ambient
f
m
Ω
Conditions
See Figs. 20a &20b
Max.
100
-7.5
ƒ = 1.0MHz
VGS = 0V
VDS = -25V
VDS = -24V, VGS = 0V
Conditions
VGS = 0V, ID = -250μA
Reference to 25°C, ID = -1mA
VGS = -20V, ID = -9.2A e
VDS = VGS, ID = -25μA
VGS = -10V, ID = -9.2A e
VGS = -4.5V, ID = -7.5A e
μA
TJ = 25°C, IF = -2.5A, VDD = -24V
di/dt = 100A/μs
e
TJ = 25°C, IS = -2.5A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
MOSFET symbol
ID = -7.5A
RG = 6.8
Ω
VDS = -10V, ID = -7.5A
VDS = -24V, VGS = 0V, TJ = 125°C
VDD = -15V, VGS = -4.5V e
ID = -1.0A
VDS = -15V
VGS = -25V
VGS = 25V
VGS = -10V
ns
pF
–––
Typ.
–––
Static Drain-to-Source On-Resistance
A
–––
–––
–––
–––
-2.5
-75
μA
nC
°C/W
Max.
20
50
Typ.
–––
–––


同様の部品番号 - IRF9393PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF9393PBF IRF-IRF9393PBF Datasheet
262Kb / 8P
   Adaptor Input Switch for Notebook PC
More results

同様の説明 - IRF9393PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF9392PBF IRF-IRF9392PBF_15 Datasheet
288Kb / 8P
   Industry-Standard SO8 Package
IRF9388PBF IRF-IRF9388PBF_15 Datasheet
314Kb / 8P
   Industry-Standard SO8 Package
IRF9333PBF IRF-IRF9333PBF_15 Datasheet
318Kb / 8P
   Industry-Standard SO8 Package
IRF9317PBF IRF-IRF9317PBF_15 Datasheet
225Kb / 8P
   Industry-Standard SO8 Package
logo
Infineon Technologies A...
IRF9388 INFINEON-IRF9388 Datasheet
314Kb / 8P
   Industry-Standard SO8 Package
6/4/10
logo
International Rectifier
IRF9328PBF IRF-IRF9328PBF_15 Datasheet
320Kb / 8P
   Industry-Standard SO8 Package
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com