データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF9393PBF データシート(PDF) 7 Page - International Rectifier

部品番号 IRF9393PBF
部品情報  Industry-Standard SO8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF9393PBF データシート(HTML) 7 Page - International Rectifier

  IRF9393PBF_15 Datasheet HTML 1Page - International Rectifier IRF9393PBF_15 Datasheet HTML 2Page - International Rectifier IRF9393PBF_15 Datasheet HTML 3Page - International Rectifier IRF9393PBF_15 Datasheet HTML 4Page - International Rectifier IRF9393PBF_15 Datasheet HTML 5Page - International Rectifier IRF9393PBF_15 Datasheet HTML 6Page - International Rectifier IRF9393PBF_15 Datasheet HTML 7Page - International Rectifier IRF9393PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF9393PbF
www.irf.com
7
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
SO-8PackageOutline(Mosfet&Fetky)
e1
D
E
y
b
A
A1
H
K
L
.189
.1497
.013
.050 BAS IC
.0532
.0040
.2284
.0099
.016
.1968
.1574
.020
.0688
.0098
.2440
.0196
.050
4.80
3.80
0.33
1.35
0.10
5.80
0.25
0.40
1.27 BAS IC
5.00
4.00
0.51
1.75
0.25
6.20
0.50
1.27
MIN
MAX
MILLIMETERS
INCHES
MIN
MAX
DIM
e
c
.0075
.0098
0.19
0.25
.025 BAS IC
0.635 BAS IC
87
5
65
D
B
E
A
e
6X
H
0.25 [.010]
A
6
7
K x 45°
8X L
8X c
y
0.25 [.010]
C A B
e1
A
A1
8X b
C
0.10 [.004]
4
3
12
FOOT PRINT
8X 0.72 [.028]
6.46 [.255]
3X 1.27 [.050]
8X 1.78 [.070]
4. OUTLINE CONF ORMS TO JEDEC OUTLINE MS-012AA.
NOT ES :
1. DIMENS IONING & T OLERANCING PER AS ME Y14.5M-1994.
2. CONT ROLLING DIMENS ION: MILLIMET ER
3. DIMENS IONS ARE SHOWN IN MILLIMET ERS [INCHES].
5 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS.
6 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS.
MOLD PROT RUS IONS NOT T O EXCEED 0.25 [.010].
7 DIMENS ION IS THE LENGTH OF LEAD FOR S OLDERING TO
A S UBS T RAT E.
MOLD PROT RUS IONS NOT T O EXCEED 0.15 [.006].
Dimensions are shown in milimeters (inches)
SO-8 Part Marking Information
P = DISGNATES LEAD - FREE
EXAMPLE: T HIS IS AN IRF7101 (MOS FET )
F7101
XXXX
INT ERNAT IONAL
LOGO
RECT IFIER
PART NUMBER
LOT CODE
PRODUCT (OPT IONAL)
DAT E CODE (YWW)
Y = LAS T DIGIT OF THE YEAR
WW = WEEK
A = AS S EMBLY S IT E CODE


同様の部品番号 - IRF9393PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF9393PBF IRF-IRF9393PBF Datasheet
262Kb / 8P
   Adaptor Input Switch for Notebook PC
More results

同様の説明 - IRF9393PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF9392PBF IRF-IRF9392PBF_15 Datasheet
288Kb / 8P
   Industry-Standard SO8 Package
IRF9388PBF IRF-IRF9388PBF_15 Datasheet
314Kb / 8P
   Industry-Standard SO8 Package
IRF9333PBF IRF-IRF9333PBF_15 Datasheet
318Kb / 8P
   Industry-Standard SO8 Package
IRF9317PBF IRF-IRF9317PBF_15 Datasheet
225Kb / 8P
   Industry-Standard SO8 Package
logo
Infineon Technologies A...
IRF9388 INFINEON-IRF9388 Datasheet
314Kb / 8P
   Industry-Standard SO8 Package
6/4/10
logo
International Rectifier
IRF9328PBF IRF-IRF9328PBF_15 Datasheet
320Kb / 8P
   Industry-Standard SO8 Package
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com