データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF9395MPBF データシート(PDF) 3 Page - International Rectifier

部品番号 IRF9395MPBF
部品情報  Isolation Switch for Input Power or Battery Application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF9395MPBF データシート(HTML) 3 Page - International Rectifier

  IRF9395MPBF Datasheet HTML 1Page - International Rectifier IRF9395MPBF Datasheet HTML 2Page - International Rectifier IRF9395MPBF Datasheet HTML 3Page - International Rectifier IRF9395MPBF Datasheet HTML 4Page - International Rectifier IRF9395MPBF Datasheet HTML 5Page - International Rectifier IRF9395MPBF Datasheet HTML 6Page - International Rectifier IRF9395MPBF Datasheet HTML 7Page - International Rectifier IRF9395MPBF Datasheet HTML 8Page - International Rectifier IRF9395MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
© 2014 International Rectifier
Submit Datasheet Feedback
February 24, 2014
IRF9395MPbF
Fig 3. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient 
‰ Rθ is measured at TJ of approximately 90°C.
ƒ Surface mounted on 1 in. square Cu
board (still air).
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
Ri (°C/W)
τi (sec)
10.609
0.239813
3.5414
0.007823
24.659
2.632793
21.032
18.15739
τ
J
τ
J
τ1
τ1
τ2
τ
2
τ3
τ3
R
1
R
1
R
2
R
2
R
3
R
3
Ci=
τi/Ri
Ci=
τi/Ri
τA
τA
τ
4
τ
4
R
4
R
4
Absolute Maximum Ratings
Parameter
Units
PD @TA = 25°C
Power Dissipation
e
PD @TA = 70°C
Power Dissipation
e
PD @TC = 25°C
Power Dissipation
f
TP
Peak Soldering Temperature
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
e
–––
60
RθJA
Junction-to-Ambient
i
12.5
–––
RθJA
Junction-to-Ambient
j
20
–––
°C/W
RθJC
Junction-to-Case
f,k
–––
2.2
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
Linear Derating Factor
e
W/°C
0.02
270
-40 to + 150
Max.
57
2.1
1.3
W
°C
‰ Mounted to a PCB with small
clip heatsink (still air)
‰ Mounted on minimum footprint full size
board with metalized back and with small
clip heatsink (still air)
‡ Used double sided cooling, mounting pad with large heatsink.
ˆ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Notes:


同様の部品番号 - IRF9395MPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF9395MPBF IRF-IRF9395MPBF Datasheet
298Kb / 9P
   Isolation Switch for Input Power or Battery Application
More results

同様の説明 - IRF9395MPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF9395MPBF IRF-IRF9395MPBF Datasheet
298Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRF9383MPBF IRF-IRF9383MPBF_15 Datasheet
248Kb / 10P
   Isolation Switch for Input Power or Battery Application
IRF9383MTR1PBF IRF-IRF9383MTR1PBF Datasheet
265Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
   Load switch for battery application
IRL6297SDPBF IRF-IRL6297SDPBF_15 Datasheet
266Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFH6200TRPBF IRF-IRFH6200TRPBF Datasheet
212Kb / 8P
   Charge and discharge switch for battery application
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFHM8337PBF IRF-IRFHM8337PBF Datasheet
520Kb / 9P
   Charge or discharge switch for battery protection
logo
Infineon Technologies A...
IRFHM8337TRPBF INFINEON-IRFHM8337TRPBF Datasheet
608Kb / 11P
   Charge or discharge switch for battery protection
2016-2-23
IRFHM9391TRPBF INFINEON-IRFHM9391TRPBF Datasheet
515Kb / 10P
   Charge or discharge switch for battery protection
2016-2-23
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com