データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3055AG データシート(PDF) 1 Page - ON Semiconductor

部品番号 2N3055AG
部品情報  Complementary Silicon High-Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3055AG データシート(HTML) 1 Page - ON Semiconductor

  2N3055AG Datasheet HTML 1Page - ON Semiconductor 2N3055AG Datasheet HTML 2Page - ON Semiconductor 2N3055AG Datasheet HTML 3Page - ON Semiconductor 2N3055AG Datasheet HTML 4Page - ON Semiconductor 2N3055AG Datasheet HTML 5Page - ON Semiconductor 2N3055AG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2013 − Rev. 7
1
Publication Order Number:
2N3055A/D
2N3055AG (NPN),
MJ15015G (NPN),
MJ15016G (PNP)
Complementary Silicon
High-Power Transistors
These PowerBase complementary transistors are designed for high
power audio, stepping motor and other linear applications. These
devices can also be used in power switching circuits such as relay or
solenoid drivers, dc−to−dc converters, inverters, or for inductive loads
requiring higher safe operating area than the 2N3055.
Features
High Current−Gain − Bandwidth
Safe Operating Area
These Devices are Pb−Free and are RoHS Compliant*
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
2N3055AG
MJ15015G, MJ15016G
VCEO
60
120
Vdc
Collector−Base Voltage
2N3055AG
MJ15015G, MJ15016G
VCBO
100
200
Vdc
Collector−Emitter Voltage Base
Reversed Biased
2N3055AG
MJ15015G, MJ15016G
VCEV
100
200
Vdc
Emitter−Base Voltage
VEBO
7.0
Vdc
Collector Current − Continuous
IC
15
Adc
Base Current
IB
7.0
Adc
Total Device Dissipation
@ TC = 25_C
2N3055AG
MJ15015G, MJ15016G
Derate above 25
_C
2N3055AG
MJ15015G, MJ15016G
PD
115
180
0.65
1.03
W
W
W/
_C
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−65 to +200
_C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Indicates JEDEC Registered Data. (2N3055A)
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.52
0.98
_C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
15 AMPERE
COMPLEMENTARY SILICON
POWER TRANSISTORS
60, 120 VOLTS − 115, 180 WATTS
http://onsemi.com
MARKING DIAGRAMS
2N3055AG
AYWW
MEX
TO−204 (TO−3)
CASE 1−07
STYLE 1
2N3055A = Device Code
MJ1501x = Device Code
x = 5 or 6
G
= Pb−Free Package
A
= Assembly Location
Y
= Year
WW
= Work Week
MEX
= Country of Origin
MJ1501xG
AYWW
MEX
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
PNP
BASE
1
EMITTER 2
CASE 3
BASE
1
EMITTER 2
CASE 3
2
CASE
1
NPN


同様の部品番号 - 2N3055AG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N3055AG ONSEMI-2N3055AG Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
More results

同様の説明 - 2N3055AG

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
   COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
logo
STMicroelectronics
TIP35CW STMICROELECTRONICS-TIP35CW Datasheet
104Kb / 7P
   Complementary Silicon High Power Transistors
TIP36C STMICROELECTRONICS-TIP36C_03 Datasheet
46Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N3055A BOCA-2N3055A Datasheet
200Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
2N5883 BOCA-2N5883 Datasheet
190Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
STMicroelectronics
2N5884 STMICROELECTRONICS-2N5884 Datasheet
68Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
June 1997
logo
Boca Semiconductor Corp...
2N5879 BOCA-2N5879 Datasheet
186Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
ON Semiconductor
TIP35A ONSEMI-TIP35A_12 Datasheet
137Kb / 8P
   Complementary Silicon High-Power Transistors
May, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com