データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3055AG データシート(PDF) 2 Page - ON Semiconductor

部品番号 2N3055AG
部品情報  Complementary Silicon High-Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3055AG データシート(HTML) 2 Page - ON Semiconductor

  2N3055AG Datasheet HTML 1Page - ON Semiconductor 2N3055AG Datasheet HTML 2Page - ON Semiconductor 2N3055AG Datasheet HTML 3Page - ON Semiconductor 2N3055AG Datasheet HTML 4Page - ON Semiconductor 2N3055AG Datasheet HTML 5Page - ON Semiconductor 2N3055AG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N3055AG (NPN), MJ15015G (NPN), MJ15016G (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS (Note 2)
Collector−Emitter Sustaining Voltage (Note 3)
2N3055AG
(IC = 200 mAdc, IB = 0)
MJ15015G, MJ15016G
VCEO(sus)
60
120
Vdc
Collector Cutoff Current
(VCE = 30 Vdc, VBE(off) = 0 Vdc)
2N3055AG
(VCE = 60 Vdc, VBE(off) = 0 Vdc)
MJ15015G, MJ15016G
ICEO
0.7
0.1
mAdc
Collector Cutoff Current (Note 3)
2N3055AG
(VCEV = Rated Value, VBE(off) = 1.5 Vdc)
MJ15015G, MJ15016G
ICEV
5.0
1.0
mAdc
Collector Cutoff Current
(VCEV = Rated Value, VBE(off) = 1.5 Vdc,
2N3055AG
TC = 150_C)
MJ15015G, MJ15016G
ICEV
30
6.0
mAdc
Emitter Cutoff Current
2N3055AG
(VEB = 7.0 Vdc, IC = 0)
MJ15015G, MJ15016G
IEBO
5.0
0.2
mAdc
SECOND BREAKDOWN (Note 3)
Second Breakdown Collector Current with Base Forward Biased
(t = 0.5 s non−repetitive)
2N3055AG
(VCE = 60 Vdc)
MJ15015G, MJ15016G
IS/b
1.95
3.0
Adc
ON CHARACTERISTICS (Note 2 and 3)
DC Current Gain
(IC = 4.0 Adc, VCE = 2.0 Vdc)
(IC = 4.0 Adc, VCE = 4.0 Vdc)
(IC = 10 Adc, VCE = 4.0 Vdc)
hFE
10
20
5.0
70
70
Collector−Emitter Saturation Voltage
(IC = 4.0 Adc, IB = 400 mAdc)
(IC = 10 Adc, IB = 3.3 Adc)
(IC = 15 Adc, IB = 7.0 Adc)
VCE(sat)
1.1
3.0
5.0
Vdc
Base−Emitter On Voltage
(IC = 4.0 Adc, VCE = 4.0 Vdc)
VBE(on)
0.7
1.8
Vdc
DYNAMIC CHARACTERISTICS (Note 3)
Current−Gain − Bandwidth Product
2N3055AG, MJ15015G
(IC = 1.0 Adc, VCE = 4.0 Vdc, f = 1.0 MHz)
MJ15016G
fT
0.8
2.2
6.0
18
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
60
600
pF
SWITCHING CHARACTERISTICS (2N3055AG only) (Note 3)
RESISTIVE LOAD
Delay Time
(VCC = 30 Vdc, IC = 4.0 Adc,
IB1 = IB2 = 0.4 Adc,
tp = 25 ms Duty Cycle v 2%
td
0.5
ms
Rise Time
tr
4.0
ms
Storage Time
ts
3.0
ms
Fall Time
tf
6.0
ms
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle v 2%.
3. Indicates JEDEC Registered Data. (2N3055A)


同様の部品番号 - 2N3055AG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N3055AG ONSEMI-2N3055AG Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
More results

同様の説明 - 2N3055AG

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
   COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
logo
STMicroelectronics
TIP35CW STMICROELECTRONICS-TIP35CW Datasheet
104Kb / 7P
   Complementary Silicon High Power Transistors
TIP36C STMICROELECTRONICS-TIP36C_03 Datasheet
46Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N3055A BOCA-2N3055A Datasheet
200Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
2N5883 BOCA-2N5883 Datasheet
190Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
STMicroelectronics
2N5884 STMICROELECTRONICS-2N5884 Datasheet
68Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
June 1997
logo
Boca Semiconductor Corp...
2N5879 BOCA-2N5879 Datasheet
186Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
ON Semiconductor
TIP35A ONSEMI-TIP35A_12 Datasheet
137Kb / 8P
   Complementary Silicon High-Power Transistors
May, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com