データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF550 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 BF550
部品情報  PNP medium frequency transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF550 データシート(HTML) 4 Page - NXP Semiconductors

  BF550_15 Datasheet HTML 1Page - NXP Semiconductors BF550_15 Datasheet HTML 2Page - NXP Semiconductors BF550_15 Datasheet HTML 3Page - NXP Semiconductors BF550_15 Datasheet HTML 4Page - NXP Semiconductors BF550_15 Datasheet HTML 5Page - NXP Semiconductors BF550_15 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2004 Jan 16
4
NXP Semiconductors
Product data sheet
PNP medium frequency transistor
BF550
PACKAGE OUTLINE
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
04-11-04
06-03-16
IEC
JEDEC
JEITA
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface-mounted package; 3 leads
SOT23


同様の部品番号 - BF550_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF550 PHILIPS-BF550 Datasheet
41Kb / 8P
   PNP medium frequency transistor
1999 Apr 15
logo
Siemens Semiconductor G...
BF550 SIEMENS-BF550 Datasheet
92Kb / 5P
   PNP Silicon RF Transistor (For common emitter amplifier stages up to 300 MHz For mixer applications in AM/FM radios and VHF TV tuners)
logo
Guangdong Kexin Industr...
BF550 KEXIN-BF550 Datasheet
36Kb / 1P
   PNP Medium Frequency Transistor
logo
NXP Semiconductors
BF550 NXP-BF550 Datasheet
100Kb / 6P
   PNP medium frequency transistor
2004 Jan 16
logo
Nexperia B.V. All right...
BF550 NEXPERIA-BF550 Datasheet
273Kb / 7P
   nullPNP medium frequency transistor
2004 Jan 16
More results

同様の説明 - BF550_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF824 PHILIPS-BF824 Datasheet
41Kb / 8P
   PNP medium frequency transistor
1999 Apr 15
BF450 PHILIPS-BF450 Datasheet
54Kb / 8P
   PNP medium frequency transistor
1997 Jul 11
BF824W PHILIPS-BF824W_15 Datasheet
105Kb / 6P
   PNP medium frequency transistor
1999 Apr 15
logo
Nexperia B.V. All right...
BF824 NEXPERIA-BF824 Datasheet
282Kb / 7P
   PNP medium frequency transistor
2004 Jan 16
logo
Guangdong Kexin Industr...
BF550 KEXIN-BF550 Datasheet
36Kb / 1P
   PNP Medium Frequency Transistor
logo
NXP Semiconductors
BF824 NXP-BF824 Datasheet
104Kb / 6P
   PNP medium frequency transistor
2004 Jan 16
BF550 PHILIPS-BF550 Datasheet
41Kb / 8P
   PNP medium frequency transistor
1999 Apr 15
BF824 PHILIPS-BF824_15 Datasheet
104Kb / 6P
   PNP medium frequency transistor
2004 Jan 16
logo
Guangdong Kexin Industr...
BF824W KEXIN-BF824W Datasheet
46Kb / 1P
   PNP Medium Frequency Transistor
logo
NXP Semiconductors
BF824W PHILIPS-BF824W Datasheet
44Kb / 8P
   PNP medium frequency transistor
1999 Apr 15
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com