データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC503MBL1-06Q データシート(PDF) 1 Page - Marktech Corporate

部品番号 LC503MBL1-06Q
部品情報  Blue 6 5mm LED lamp with water transparent lens
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARKTECH [Marktech Corporate]
ホームページ  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LC503MBL1-06Q データシート(HTML) 1 Page - Marktech Corporate

  LC503MBL1-06Q Datasheet HTML 1Page - Marktech Corporate LC503MBL1-06Q Datasheet HTML 2Page - Marktech Corporate LC503MBL1-06Q Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LC503MBL1-06Q
Delivery Information Contact:
Marktech Optoelectronics*
120 Broadway, Menands, NY 12204
Phone: 800.984.5337 FAX: 518.432.7454
Web Site: www.marktechopto.com
*Marktech is the exclusive North American Technical Sales and Marketing office for COTCO LED products
1/3
COTCO LUMINANT DEVICE (HUIZHOU) LTD
Part #: LC503MBL1-06Q
Product Description: Blue 6º 5mm LED lamp with water transparent lens
Resin: Epoxy
Lens Color: Water Transparent
Lead Frame: Ag Plating Iron Alloy
Dice: InGaN/SiC
DIMENSION DRAWING
COTCO-D-074 REV.0


同様の部品番号 - LC503MBL1-06Q

メーカー部品番号データシート部品情報
logo
Marktech Corporate
LC503MBL1-45Q MARKTECH-LC503MBL1-45Q Datasheet
83Kb / 3P
   Blue 45 5mm LED lamp with Water Clear lens.
More results

同様の説明 - LC503MBL1-06Q

メーカー部品番号データシート部品情報
logo
Marktech Corporate
LC503MYL1-06Q MARKTECH-LC503MYL1-06Q Datasheet
58Kb / 3P
   Yellow 6 5mm LED lamp with water transparent lens
LC503MHR1-06Q MARKTECH-LC503MHR1-06Q Datasheet
59Kb / 3P
   Red 6 5mm LED lamp with water transparent lens
LC512NBL1-25Q MARKTECH-LC512NBL1-25Q Datasheet
60Kb / 4P
   Blue 25 5mm LED lamp with water transparent lens.
LC503NBL1-15Q MARKTECH-LC503NBL1-15Q Datasheet
61Kb / 3P
   Blue 15 5mm LED lamp with water transparent lens
LC503MBG1-15Q MARKTECH-LC503MBG1-15Q Datasheet
61Kb / 3P
   Blue-Green 15 5mm LED lamp with water transparent lens
LC503NBG1-15Q MARKTECH-LC503NBG1-15Q Datasheet
83Kb / 3P
   Blue Green 15 5mm LED lamp with water transparent lens
LC512MBG1-25Q MARKTECH-LC512MBG1-25Q Datasheet
62Kb / 3P
   Blue-Green 25 5mm LED lamp with water transparent lens.
LC503MHR1-15Q MARKTECH-LC503MHR1-15Q Datasheet
59Kb / 3P
   Red 15 5mm LED lamp with water transparent lens
LC512MYL1-25Q MARKTECH-LC512MYL1-25Q Datasheet
66Kb / 3P
   Yellow 25 5mm LED lamp with water transparent lens.
LC503MYL1-30Q MARKTECH-LC503MYL1-30Q Datasheet
67Kb / 3P
   Yellow 30 5mm LED lamp with water transparent lens
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com