データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMUN5213T1G データシート(PDF) 6 Page - ON Semiconductor

部品番号 SMUN5213T1G
部品情報  NPN Transistors with Monolithic Bias Resistor Network
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMUN5213T1G データシート(HTML) 6 Page - ON Semiconductor

Back Button SMUN5213T1G Datasheet HTML 2Page - ON Semiconductor SMUN5213T1G Datasheet HTML 3Page - ON Semiconductor SMUN5213T1G Datasheet HTML 4Page - ON Semiconductor SMUN5213T1G Datasheet HTML 5Page - ON Semiconductor SMUN5213T1G Datasheet HTML 6Page - ON Semiconductor SMUN5213T1G Datasheet HTML 7Page - ON Semiconductor SMUN5213T1G Datasheet HTML 8Page - ON Semiconductor SMUN5213T1G Datasheet HTML 9Page - ON Semiconductor SMUN5213T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MUN2213, MMUN2213L, MUN5213, DTC144EE, DTC144EM3, NSBC144EF3
www.onsemi.com
6
TYPICAL CHARACTERISTICS − NSBC144EF3
Figure 7. VCE(sat) vs. IC
10
020
30
IC, COLLECTOR CURRENT (mA)
100
1
0.1
40
50
Figure 8. DC Current Gain
Figure 9. Output Capacitance
10
0.1
0.01
020
40
50
IC, COLLECTOR CURRENT (mA)
1000
100
1
0.1
10
100
IC, COLLECTOR CURRENT (mA)
Figure 10. Output Current vs. Input Voltage
100
10
1
0.1
0.001
04
8
Vin, INPUT VOLTAGE (V)
28
Figure 11. Input Voltage vs. Output Current
50
010
20
30
40
0.4
1.2
0
VR, REVERSE VOLTAGE (V)
30
IC/IB = 10
−55
°C
25
°C
VCE = 10 V
f = 10 kHz
IE = 0 A
TA = 25°C
0.8
1.6
2.0
2.4
VO = 5 V
VO = 0.2 V
10
150
°C
−55
°C
25
°C
150
°C
1
10
10
−55
°C
25
°C
150
°C
−55
°C
25
°C
150
°C
20
12
16
1
24
0.01


同様の部品番号 - SMUN5213T1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SMUN5213T1G ONSEMI-SMUN5213T1G Datasheet
141Kb / 12P
   Digital Transistors (BRT) R1 = 47 k, R2 = 47 k
August, 2012 ??Rev. 0
SMUN5213T1G ONSEMI-SMUN5213T1G Datasheet
145Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
More results

同様の説明 - SMUN5213T1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
DTC123TM3 ONSEMI-DTC123TM3 Datasheet
148Kb / 12P
   NPN Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 1
MUN2216 ONSEMI-MUN2216_13 Datasheet
137Kb / 11P
   NPN Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 1
MUN2235 ONSEMI-MUN2235_15 Datasheet
110Kb / 12P
   NPN Transistors with Monolithic Bias Resistor Network
August, 2015 ??Rev. 3
MMUN2235L ONSEMI-MMUN2235L Datasheet
149Kb / 12P
   NPN Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 1
MUN2232 ONSEMI-MUN2232_13 Datasheet
149Kb / 12P
   NPN Transistors with Monolithic Bias Resistor Network
March, 2013 ??Rev. 2
MMUN2240L ONSEMI-MMUN2240L Datasheet
143Kb / 11P
   NPN Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 1
NSVMMUN2212LT1G ONSEMI-NSVMMUN2212LT1G Datasheet
149Kb / 12P
   NPN Transistors with Monolithic Bias Resistor Network
March, 2013 ??Rev. 2
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com