データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1203T-E データシート(PDF) 3 Page - ON Semiconductor

部品番号 2SD1203T-E
部品情報  Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1203T-E データシート(HTML) 3 Page - ON Semiconductor

  2SD1203T-E Datasheet HTML 1Page - ON Semiconductor 2SD1203T-E Datasheet HTML 2Page - ON Semiconductor 2SD1203T-E Datasheet HTML 3Page - ON Semiconductor 2SD1203T-E Datasheet HTML 4Page - ON Semiconductor 2SD1203T-E Datasheet HTML 5Page - ON Semiconductor 2SD1203T-E Datasheet HTML 6Page - ON Semiconductor 2SD1203T-E Datasheet HTML 7Page - ON Semiconductor 2SD1203T-E Datasheet HTML 8Page - ON Semiconductor 2SD1203T-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SB1203 / 2SD1803
No.2085-3/10
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
--5
--4
--3
--2
--1
2SB1203
From top
--100mA
--90mA
--80mA
--70mA
--60mA
2SD1803
From top
50mA
45mA
40mA
35mA
30mA
IB=0
10mA
20mA
15mA
25mA
5mA
ITR09181
0
0
--2.0
--1.6
--0.4
--0.8
--1.2
--10mA
--50mA
--20mA
--30mA
--40mA
IB=0
ITR09180
5
4
3
2
1
0
0
0.8
2.0
0.4
1.2
1.6
Ta=75
°C
--25
°C
25
°C
Ta=75°C
--25°C
25
°C
ITR09186
100
1000
5
7
3
2
10
5
7
3
2
100
1000
5
7
3
2
10
5
7
3
2
0.01
0.1
1.0
--1.0
--0.1
3
25
57
3
25 7
--10
3
25 7
7
3
25
57
3
25 7
10
3
25 7
7
--0.01
ITR09187
2SB1203
VCE= --2V
2SD1803
VCE=2V
2SB1203
VCE= --2V
--6
--5
--4
--3
--1
--2
0
6
5
1
2
4
3
0
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
ITR09184
2SD1803
VCE=2V
0
0.2
0.4
0.6
0.8
1.2
1.0
ITR09185
--5
--4
--3
--2
--1
2SB1203
2SD1803
IB=0
30mA
25mA
20mA
15mA
10mA
5mA
ITR09183
0
0
--10
--8
--2
--4
--6
--10mA
--15mA
--20mA
--25mA
--30mA
--5mA
IB=0
ITR09182
5
4
3
2
1
0
04
10
26
8


同様の部品番号 - 2SD1203T-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2SD1203T-E ONSEMI-2SD1203T-E Datasheet
389Kb / 10P
   Bipolar Transistor
September, 2013
2SD1203T-E ONSEMI-2SD1203T-E Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1203T-E ONSEMI-2SD1203T-E Datasheet
389Kb / 10P
   Bipolar Transistor
September, 2013
logo
Sanyo Semicon Device
2SD1203T-E SANYO-2SD1203T-E Datasheet
519Kb / 10P
   High-Current Switching Applications
More results

同様の説明 - 2SD1203T-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
   Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1805 ONSEMI-2SD1805 Datasheet
405Kb / 9P
   Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1204 ONSEMI-2SB1204 Datasheet
378Kb / 9P
   Bipolar Transistor -50V, -8A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1215 ONSEMI-2SB1215 Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com