データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRFP4868PBF データシート(PDF) 8 Page - International Rectifier

部品番号 IRFP4868PBF
部品情報  High Efficiency Synchronous Rectification in SMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRFP4868PBF データシート(HTML) 8 Page - International Rectifier

  IRFP4868PBF_15 Datasheet HTML 1Page - International Rectifier IRFP4868PBF_15 Datasheet HTML 2Page - International Rectifier IRFP4868PBF_15 Datasheet HTML 3Page - International Rectifier IRFP4868PBF_15 Datasheet HTML 4Page - International Rectifier IRFP4868PBF_15 Datasheet HTML 5Page - International Rectifier IRFP4868PBF_15 Datasheet HTML 6Page - International Rectifier IRFP4868PBF_15 Datasheet HTML 7Page - International Rectifier IRFP4868PBF_15 Datasheet HTML 8Page - International Rectifier IRFP4868PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
 
IRFP4868PbF
8
www.irf.com
© 2012 International Rectifier
October 30, 2012
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
2x
c
"A"
"A"
E
E2/2
Q
E2
2X
L1
L
D
A
e
2x b2
3x b
LEADTIP
SEE
VIEW"B"
b4
B
A
Ø.010
B A
A2
A1
Ø.010
B A
D1
S
E1
THERMALPAD
-A-
ØP
Ø.010
B A
VIEW: "B"
SECTION: C-C, D-D, E-E
(b, b2, b4)
(c)
BASEMETAL
PLATING
VIEW: "A" - "A"
YEAR 1 = 2001
DATE CODE
PART NUMBER
INTERNATIONAL
LOGO
RECTIFIER
ASSEMBLY
56
57
IRFPE30
135H
LINE H
indicates "Lead-Free"
WEEK 35
LOT CODE
IN THE ASSEMBLY LINE "H"
ASSEMBLED ON WW 35, 2001
Notes: This part marking information applies to devices produced after 02/26/2001
Note: "P" in assembly line position
EXAMPLE:
WITH ASSEMBLY
THIS IS AN IRFPE30
LOT CODE 5657
TO-247AC Part Marking Information
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
TO-247 package is not recommended for Surface Mount Application.


同様の部品番号 - IRFP4868PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFP4868PBF IRF-IRFP4868PBF Datasheet
309Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
logo
Infineon Technologies A...
IRFP4868PBF INFINEON-IRFP4868PBF Datasheet
543Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
2017-06-21
More results

同様の説明 - IRFP4868PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com